Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 31Page - Analog Devices AD4080BBCZ Datasheet HTML 32Page - Analog Devices AD4080BBCZ Datasheet HTML 33Page - Analog Devices AD4080BBCZ Datasheet HTML 34Page - Analog Devices AD4080BBCZ Datasheet HTML 35Page - Analog Devices AD4080BBCZ Datasheet HTML 36Page - Analog Devices AD4080BBCZ Datasheet HTML 37Page - Analog Devices AD4080BBCZ Datasheet HTML 38Page - Analog Devices AD4080BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
Data Sheet
AD4080
DIGITAL INTERFACE
analog.com
Rev. A | 35 of 94
Table 15. Address Ascension Selection
ADDR_ASCENSION Bit
Value
Address Controller Behavior
(STRICT_REGISTER_ACCESS = 1)
0 (Default)
Decrement Address. Multibyte registers are accessed
by addressing the most significant byte address.
1
Increment Address. Multibyte registers are accessed
by addressing the least significant byte address
Figure 54 illustrates the generic SPI frame formatting for a serial
transaction using the default interface configuration. In this exam-
ple, a portion of the configuration register space consisting of
a byte-wide register and a multibyte register is accessed. The
address for the byte-wide register resides in the most significant
address (ADDRESS) and the most significant byte of the multibyte
register resides in the least significant address of the register
segment. By default, the ADDR_ASCENSION property is set to
descending, indicating that the address for the most significant
register is passed to the host controller during the instruction
phase. Depending on the selected operation, the instruction word
is followed by either a payload consisting of data for the byte-wide
register (DATA), least significant (LSBYTE), and most significant
bytes (MSBYTE) of the multibyte register, or, in the case of a
read access, padding bits. As a convention, it is recommended to
pass Logic 1 to SDI during a read access to avoid accidentally
addressing address zero for write access.
In single instruction mode (SINGLE_INST = 1), the memory access
controller requires an instruction phase to transmit for each register
accessed in a given SPI frame as illustrated in Figure 55. This
mode is useful when access to nonadjacent sections of the register
space is required in a given SPI frame. Note that, the same access
flexibility can be achieved in stream mode by initiating a new SPI
frame for each unique register access.
The single instruction mode is selected by setting SINGLE_INST
= 1 in the Interface Configuration B register (see the Interface
Configuration B Register section, Address 0x01).
Figure 54. Interface Access Example, Default Interface Configuration, Streaming Mode (ADDR_ASCENSION = 0)
Figure 55. Interface Access Example, Single Instruction Mode (SINGLE_INST = 1), All Other Interface Options Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com