Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 81 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 81 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 77Page - Analog Devices AD4080BBCZ Datasheet HTML 78Page - Analog Devices AD4080BBCZ Datasheet HTML 79Page - Analog Devices AD4080BBCZ Datasheet HTML 80Page - Analog Devices AD4080BBCZ Datasheet HTML 81Page - Analog Devices AD4080BBCZ Datasheet HTML 82Page - Analog Devices AD4080BBCZ Datasheet HTML 83Page - Analog Devices AD4080BBCZ Datasheet HTML 84Page - Analog Devices AD4080BBCZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 94 page
background image
Data Sheet
AD4080
CONFIGURATION REGISTERS
analog.com
Rev. A | 81 of 94
Interface Status A Register
Address: 0x11, Reset: 0x00, Name: INTERFACE_STATUS_A
Status bits are set to 1 to indicate an active condition. These bits can be cleared by writing a 1 to the corresponding bit location.
Figure 123. Interface Status A Register
Table 46. Bit Descriptions for INTERFACE_STATUS_A
Bits
Bit Name
Description
Reset
Access
7
NOT_READY_ERR
Device Not Ready for Transaction. This bit is set if the user attempts to execute an SPI
transaction before the completion of digital initialization.
0x0
R/W1C
[6:5]
RESERVED
Reserved. Write 0b00 to these bits.
0x0
R
4
CLOCK_COUNT_ERR
Clock Count Error. This bit is set when an incorrect number of clocks is detected in a
transaction.
0x0
R/W1C
3
CRC_ERR
CRC Error. This bit is set when the SPI controller does not send a CRC or when the CRC
value calculated by the device does not match the value sent by the SPI controller.
0x0
R/W1C
2
WR_TO_RD_ONLY_REG_ERR
Write to Read Only Register Error. This bit is set when the user attempts a write to a register
that is read only.
0x0
R/W1C
1
REGISTER_PARTIAL_ACCESS_ERR
Register Partial Access Error. This bit is set when a fewer than expected number of bytes
are read from or written to in a multibyte register access. This bit is only valid when strict
register access is enabled.
0x0
R/W1C
0
ADDRESS_INVALID_ERR
Invalid Address Error. This bit is set when the user tries to read from or write to a register
address outside of the allowed memory map space.
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com