Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 32Page - Analog Devices AD4080BBCZ Datasheet HTML 33Page - Analog Devices AD4080BBCZ Datasheet HTML 34Page - Analog Devices AD4080BBCZ Datasheet HTML 35Page - Analog Devices AD4080BBCZ Datasheet HTML 36Page - Analog Devices AD4080BBCZ Datasheet HTML 37Page - Analog Devices AD4080BBCZ Datasheet HTML 38Page - Analog Devices AD4080BBCZ Datasheet HTML 39Page - Analog Devices AD4080BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
Data Sheet
AD4080
DIGITAL INTERFACE
analog.com
Rev. A | 36 of 94
Address Ascension Selection
The address ascension selection (ADDR_ASCENSION) bit, as de-
scribed in previous sections, determines how the internal interface
address pointer is updated for each byte of data transmitted to the
AD4080 in streaming mode (SINGLE_INST = 0). If using single
instruction mode (SINGLE_INST = 1), each register is directly
addressed through its own instruction phase as illustrated in Figure
55, and thus, the address pointer is not updated. Regardless of
the setting for SINGLE_INST, the ADDR_ASCENSION bit directly
impacts the formatting of the SPI frame in terms of selection of
the instruction phase starting address and byte order of the data
phase payload. This impact is described in greater detail in the
Strict Access Selection and Multibyte Registers section as much
of the data formatting is dependent on this interface configuration
selection. The ADDR_ASCENSION selection bit is located in the
Interface Configuration A register (see the Interface Configuration A
Register section, Address 0x00).
As summarized in Table 15, the ADDR_ASCENSION bit is cleared
by default, resulting in the address pointer decrementing by one
for each data byte transmitted. In this decrement configuration
(ADDR_ASCENSION = 0), the address pointer decrements from
the starting address indicated in the instruction phase by one for
each data phase byte received until the counter reaches Address
0x0000. If additional bytes are received, the pointer automatically
rolls over to the maximum address value, 0x7FFF; the rollover
behavior is fixed, and therefore, independent of the SHORT_IN-
STRUCTION value or the physical address space occupied by the
user configurable registers. It is important to understand this behav-
ior to avoid generating interface errors associated with attempting
to access one or more invalid register addresses. Limit register
access to the register address space associated with the device
configuration as described in the Configuration Registers section.
Alternatively, the ADDR_ASCENSION bit can be set (ADDR_AS-
CENSION = 1), resulting in the address pointer incrementing by
one, starting at the address identified in the instruction word, for
each data phase byte received at the AD4080 in a given SPI
frame. In a manner similar to the descending case, the address
counter continues to increment for each data byte received until
the maximum address value, 0x7FFFF, is reached, after which the
pointer rolls over to 0x0000.
Strict Access Selection and Multibyte
Registers
Several locations in the AD4080 configuration memory have been
assigned as multibyte registers to support the storage require-
ments. For example, the offset correct register (see the Offset
Correction Register section, Address 0x25) and gain correction
register (see the Gain Correction Register section, Address 0x27)
are multibyte registers because the resolution of the correction
coefficients they contain exceeds a single byte. For a complete
listing of multibyte registers, refer to the Configuration Registers
section. The length of each register, in bytes, is captured in Table
31 in addition to other characteristic information.
The function of the STRICT_REGISTER_ACCESS bit is to indicate
to the interface controller that all bytes of a multibyte register must
be accessed in the current frame for valid communication to have
occurred. In the event a multibyte register is only partially accessed,
an interface fault is generated in the Interface Status A register
(see the Interface Status A Register section, Address 0x11), and
the partial content update is discarded. The intent of this restriction
is to ensure that corresponding configuration quantities are updated
in a manner that produces the desired device operation. The
access restriction function is enabled by default (STRICT_REGIS-
TER_ACCESS = 1) and can be disabled by clearing the access bit
(STRICT_REGISTER_ACCESS = 0) in the Interface Configuration
C register (see the Interface Configuration C Register section,
Address 0x10). With register access restriction disabled, each byte
of the configuration memory can be independently addressed;
however, it is then incumbent on the software to correctly configure
any multibyte registers in the device memory to achieve the desired
behavior.
The decision to enable or disable the register access restriction
has implications with regards to the correct construction of the
SPI frames containing one or more multibyte register accesses.
When STRICT_REGISTER_ACCESS is disabled, each byte of a
multibyte register is treated as a singular element. Furthermore,
the interface does not indicate a fault if all bytes of the register
are not programmed, or if the bytes are programmed in a random
order, and therefore, it is incumbent on the host to ensure that the
content of those registers are updated in a manner that produces
the desired function in the device.
When STRICT_REGISTER_ACCESS is enabled, specific access
rules are enforced to ensure consistency between the data and the
expected behavior of the device. To understand how these rules
apply to multibyte registers in the configuration memory, it is impor-
tant to understand how the memory is organized. By convention,
multibyte registers are arranged in the configuration memory such
that the most significant byte of the register is stored in the most
significant address of the assigned register space as illustrated in
Figure 56. As a result, the byte order of the register content trans-
mitted in the data phase is dependent on the ADDR_ASCENSION
selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com