Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 72Page - Analog Devices AD4080BBCZ Datasheet HTML 73Page - Analog Devices AD4080BBCZ Datasheet HTML 74Page - Analog Devices AD4080BBCZ Datasheet HTML 75Page - Analog Devices AD4080BBCZ Datasheet HTML 76Page - Analog Devices AD4080BBCZ Datasheet HTML 77Page - Analog Devices AD4080BBCZ Datasheet HTML 78Page - Analog Devices AD4080BBCZ Datasheet HTML 79Page - Analog Devices AD4080BBCZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
Data Sheet
AD4080
CONFIGURATION REGISTERS
analog.com
Rev. A | 76 of 94
Chip Type Register
Address: 0x03, Reset: 0x07, Name: CHIP_TYPE
The chip type is used to identify the family of Analog Devices devices a given device belongs to. CHIP_TYPE must be used in conjunction with
the Product ID to uniquely identify a given product.
Figure 112. Chip Type Register
Table 35. Bit Descriptions for CHIP_TYPE
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CHIP_TYPE
Precision ADC.
0x7
R
Product ID Low Register
Address: 0x04, Reset: 0x00, Name: PRODUCT_ID_L
This register is the low byte of the Product ID.
Figure 113. Product ID Low Register
Table 36. Bit Descriptions for PRODUCT_ID_L
Bits
Bit Name
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Product Identification. These bits are the device chip type/family. The PRODUCT_ID must be used in
conjunction with CHIP_TYPE to identify a product.
0x50
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com