Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 85 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 85 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 81Page - Analog Devices AD4080BBCZ Datasheet HTML 82Page - Analog Devices AD4080BBCZ Datasheet HTML 83Page - Analog Devices AD4080BBCZ Datasheet HTML 84Page - Analog Devices AD4080BBCZ Datasheet HTML 85Page - Analog Devices AD4080BBCZ Datasheet HTML 86Page - Analog Devices AD4080BBCZ Datasheet HTML 87Page - Analog Devices AD4080BBCZ Datasheet HTML 88Page - Analog Devices AD4080BBCZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
Data Sheet
AD4080
CONFIGURATION REGISTERS
analog.com
Rev. A | 85 of 94
Table 50. Bit Descriptions for ADC_DATA_INTF_CONFIG_C (Continued)
Bits
Bit Name
Description
Reset
Access
[6:4]
LVDS_VOD
LVDS Differential Output Voltage. The valid entries are 0b001, 0b010, and 0b100 for the differential voltages
of ~185 mV, ~240 mV, and ~325 mV, respectively. Writing an invalid value resets the differential voltage to its
default setting of ~240 mV. However, user can read back the value written to these bits.
0x2
R/W
[3:0]
RESERVED
Reserved. Write 0b0000 to these bits.
0x0
R
Power Control Register
Address: 0x18, Reset: 0x00, Name: PWR_CTRL
It is not recommended to write to this register.
Figure 128. Power Control Register
Table 51. Bit Descriptions for PWR_CTRL
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved. Write 0b000000 to these bits.
0x0
R
1
ANA_DIG_LDO_PD
VDD11 LDO Disable. Enable or disable the LDO that powers the VDD11 rail. It is not recommended to
write to this bit.
0x0
R/W
0: LDO Enabled.
1: LDO Disabled.
0
INTF_LDO_PD
IOVDD LDO Disable. Enable or disable the LDO that powers the IOVDD rail. It is not recommended to
write to this bit.
0x0
R/W
0: LDO Enabled.
1: LDO Disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com