Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 94 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 94 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 86Page - Analog Devices AD4080BBCZ Datasheet HTML 87Page - Analog Devices AD4080BBCZ Datasheet HTML 88Page - Analog Devices AD4080BBCZ Datasheet HTML 89Page - Analog Devices AD4080BBCZ Datasheet HTML 90Page - Analog Devices AD4080BBCZ Datasheet HTML 91Page - Analog Devices AD4080BBCZ Datasheet HTML 92Page - Analog Devices AD4080BBCZ Datasheet HTML 93Page - Analog Devices AD4080BBCZ Datasheet HTML 94Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 94 / 94 page
background image
Data Sheet
AD4080
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 94 of 94
Package Drawing (Option)
Package Type
Package Description
BC-49-8
CSP BGA (Chip Scale)
49-Ball Chip Scale Package Ball Grid Array
For the latest package outline information and land patterns (footprints), go to Package Index.
Updated: February 29, 2024
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
AD4080BBCZ
−40°C to +85°C
CHIP SCALE BGA
Tray, 640
BC-49-8
AD4080BBCZ-RL
−40°C to +85°C
CHIP SCALE BGA
Reel, 4000
BC-49-8
AD4080BBCZ-RL7
−40°C to +85°C
CHIP SCALE BGA
Reel, 1000
BC-49-8
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
EVAL-AD4080-FMCZ
FMC Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com