Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 42Page - Analog Devices AD4080BBCZ Datasheet HTML 43Page - Analog Devices AD4080BBCZ Datasheet HTML 44Page - Analog Devices AD4080BBCZ Datasheet HTML 45Page - Analog Devices AD4080BBCZ Datasheet HTML 46Page - Analog Devices AD4080BBCZ Datasheet HTML 47Page - Analog Devices AD4080BBCZ Datasheet HTML 48Page - Analog Devices AD4080BBCZ Datasheet HTML 49Page - Analog Devices AD4080BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
Data Sheet
AD4080
DIGITAL INTERFACE
analog.com
Rev. A | 46 of 94
Self Clock Mode
In LVDS data interface mode, it is possible to disable the DCO+
and DCO− echo clock output (see the Echo Clock Mode section)
by setting LVDS_SELF_CLK_MODE = 1 in the ADC Data Interface
Configuration B register (see the ADC Data Interface Configuration
B Register section, Address 0x16). This setting puts the device
in self clock mode disabling the DCO+ and DCO− output driver,
with the benefit of saving interface power as well as reducing the
number of LVDS pairs required to interface with the host controller.
In this mode, the DCO+ and DCO− pins can be left disconnected;
therefore, in single-lane configurations, a minimum of two LVDS
pairs (CLK+ and CLK−, DA+ and DA−) are required to connect to
each AD4080 instance. The interface connectivity can further be
simplified by sharing the interface clock (CLK+ and CLK−) between
multiple AD4080 instances.
CNV+
CLK+
DA-
CNV-
CLK-
D10
[N-2]
D9
[N-2]
D8
[N-2]
D7
[N-2]
D6
[N-2]
D5
[N-2]
D4
[N-2]
D3
[N-2]
D2
[N-2]
D1
[N-2]
D0
[N-2]
D19
[N-1]
D18
[N-1]
D12
[N-1]
D11
[N-1]
D10
[N-1]
D9
[N-1]
D8
[N-1]
D7
[N-1]
D6
[N-1]
D5
[N-1]
D4
[N-1]
D3
[N-1]
D2
[N-1]
D1
[N-1]
D0
[N-1]
D19
[N]
D18
[N]
D17
[N]
D16
[N]
DA+
tCYC
tCNVH
tCNVL
tCCA
tCLK
tMSB_READ
tCLKD
Figure 75. Continuous Conversion Timing, LVDS Data Interface, Single Data Lane, Self Clock Mode
CNV+
CLK+
DA-
DB-
CNV-
CLK-
D9
[N-2]
D7
[N-2]
D5
[N-2]
D3
[N-2]
D1
[N-2]
D19
[N-1]
D17
[N-1]
D15
[N-1]
D13
[N-1]
D11
[N-1]
D9
[N-1]
D7
[N-1]
D5
[N-1]
D3
[N-1]
D1
[N-1]
D19
[N]
D17
[N]
D15
[N]
D13
[N]
DA+
D8
[N-2]
D6
[N-2]
D4
[N-2]
D2
[N-2]
D0
[N-2]
D18
[N-1]
D16
[N-1]
D14
[N-1]
D12
[N-1]
D10
[N-1]
D8
[N-1]
D6
[N-1]
D4
[N-1]
D2
[N-1]
D0
[N-1]
D18
[N]
D16
[N]
D14
[N]
D12
[N]
DB+
tCYC
tCNVH
tCNVL
tCCA
tCLK
tMSB_READ
tCLKD
Figure 76. Continuous Conversion Timing, LVDS Data Interface, Dual Data Lane, Self Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com