Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 67Page - Analog Devices AD4080BBCZ Datasheet HTML 68Page - Analog Devices AD4080BBCZ Datasheet HTML 69Page - Analog Devices AD4080BBCZ Datasheet HTML 70Page - Analog Devices AD4080BBCZ Datasheet HTML 71Page - Analog Devices AD4080BBCZ Datasheet HTML 72Page - Analog Devices AD4080BBCZ Datasheet HTML 73Page - Analog Devices AD4080BBCZ Datasheet HTML 74Page - Analog Devices AD4080BBCZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
Data Sheet
AD4080
LAYOUT GUIDELINES
analog.com
Rev. A | 71 of 94
The AD4080 includes all critical bypass capacitors within the device
package, which greatly reduces the layout challenge for a precision,
high-speed converter. These integrated capacitors are optimally
placed within the device package to ensure that maximum perform-
ance is easily obtained. However, as with any precision mixed
signal device, care must be taken in system device placement
to ensure that there is proper partitioning of the critical analog
signal chain component routing and routing of the high-speed digital
signals to prevent unwanted coupling effects.
Note the following layout considerations:
►
The AD4080 contains internal decoupling on all power supplies,
AVDD33 (0.47 μF), VDD11 (1.88 μF), IOVDD (0.22 μF), as well
as VDDLDO (0.22 μF). Therefore, no external bypass capacitors
are required, saving board space and reducing bill of material
(BOM) count and sensitivity.
►
Ensure good partitioning of analog and digital domain signals
within the design by, for example, having all analog signals in
from the left-hand side and keeping dynamic digital signals on
the right-hand side.
►
Have a solid ground plane under the AD4080 and connect all
analog ground (GND) pins, reference ground (REFGND), and
digital ground (IOGND) pins to this shared plane.
►
Recommended connections of ground (GND), reference ground
(REFGND), and digital ground (IOGND) connections are shown
in Figure 107. It is recommended to not keep the current return
path of the reference IC in the same current loop as the current
return loop from the other circuitry on the PCB. Connect the
reference local star point to the ADC star point ground on the top
layer of the PCB as shown in Figure 107.
►
See Figure 108 for the side view cross-section of the PCB board
showing the ground planes distribution . Note that Figure 108
only shows the ground planes but does not including the signal
tracks.
Figure 107. AD4080 External Reference Ground Connections
Figure 108. Recommended PCB Ground Planes Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com