Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4080BBCZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 44Page - Analog Devices AD4080BBCZ Datasheet HTML 45Page - Analog Devices AD4080BBCZ Datasheet HTML 46Page - Analog Devices AD4080BBCZ Datasheet HTML 47Page - Analog Devices AD4080BBCZ Datasheet HTML 48Page - Analog Devices AD4080BBCZ Datasheet HTML 49Page - Analog Devices AD4080BBCZ Datasheet HTML 50Page - Analog Devices AD4080BBCZ Datasheet HTML 51Page - Analog Devices AD4080BBCZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
Data Sheet
AD4080
DIGITAL INTERFACE
analog.com
Rev. A | 48 of 94
Figure 78. Single Lane LVDS, Echo Clock Mode, LVDS_CNV_CLK_CNT Position Example
Figure 79. Dual Lane LVDS, Echo Clock Mode, LVDS_CNV_CLK_CNT Position Example
Table 20. Valid LVDS_CNV_CLK_CNT Settings
LVDS_CNV_CLK_CNT
Settings
Clock Count Number
Single Lane Mode
Dual Lane Mode
0b0000
3
3
0b0001
4
4
0b0010
5
5
0b0011
6
1
0b0100
7
2
0b0101
8
Selection not valid
0b0110
9
Selection not valid
0b0111
10
Selection not valid
0b1000
1
Selection not valid
0b1001
2
Selection not valid
As a overview guide, Table 21 indicates the minimum required
LVDS_CNV_CLK_CNT settings for various conversion rates.
The maximum tMSB of 22.4ns, that is with the gain error correction
enabled (see the Gain Error Correction section), is used for all
calculations in Table 21. On power-up, the value of the gain error
correction is 0x200, disabling the correction and allowing for a lower
latency result. In this case, tMSB is 18 ns and a latency of 46.25 ns
can be achieved.
Using this example, the same formula is used, again taking a single
lane 40 MSPS example, the LVDS clock runs at 400 MHz and
yields (18 ns/2.5 ns) + 1.5, resulting in an LVDS_CNV_CLK_CNT of
8 and a total result latency of (8 + 0.5) × 2.5 ns + tCYC = 46.25 ns
latency.
To aid alignment of this valid result data position with the digital host
of the user, the ADC Data Interface Configuration A register (see
the ADC Data Interface Configuration A Register section, Address
0x15) contains access to the interface check feature enabled by
setting the INTF_CHK_EN bit. When this bit is set, the ADC results
are no longer output on the interface, and the output is replaced
with a fixed pattern 20b1010 1100 0101 1101 0110 (0xA C5D6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com