Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP585 Datasheet(PDF) 59 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 59 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 55Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 56Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 57Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 58Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 59Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 60Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 61Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 62Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 63Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
59 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
8.31 Register (0x34) Out-of-range (OOR) range configuration
Bit
7
6
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
oor_range_p
•
oor_range_p:(bit offset: 0) OOR pressure range
8.32 Register (0x35) Out-of-range (OOR) configuration
Bit
7
6
5
4
3
2
1
0
Read/Write
R/W
R/W
R
R
R
R
R
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
cnt_lim
reserved_5_1
oor_thr...
•
oor_thr_p_16:(bit offset: 0) OOR pressure threshold, bit 16
•
reserved_5_1:(bit offset: 1) reserved
•
cnt_lim:(bit offset: 6) OOR count limit (Note: This field cannot be written during an ongoing P/T conversion.)
Value
Description
0b000 (0x0)
Counter limit of 1
0b11 (0x3)
Counter limit of 3
0b111 (0x7)
Counter limit of 7
0b1111 (0xF)
Counter limit of 15
8.33 Register (0x36) Over-sampling rate (OSR) configuration
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
reserved_7 press_en
osr_p
osr_t
•
osr_t:(bit offset: 0) OSR_T selection
Value
Description
0b000 (0x0)
oversampling rate = 1x
0b001 (0x1)
oversampling rate = 2x
0b010 (0x2)
oversampling rate = 4x
0b011 (0x3)
oversampling rate = 8x
0b100 (0x4)
oversampling rate = 16x
0b101 (0x5)
oversampling rate = 32x
0b110 (0x6)
oversampling rate = 64x
0b111 (0x7)
oversampling rate = 128x
•
osr_p:(bit offset: 3) OSR_P selection
Value
Description
0b000 (0x0)
oversampling rate = 1x
0b001 (0x1)
oversampling rate = 2x
0b010 (0x2)
oversampling rate = 4x
0b011 (0x3)
oversampling rate = 8x
0b100 (0x4)
oversampling rate = 16x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com