Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP585 Datasheet(PDF) 19 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 19 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 23Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
19 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
4.3.5 Low Power NORMAL mode
If the conditions for deep standby apply, as described in section 4.3.1 above, then NORMAL mode will automatically
apply DEEP_STANDY phase in between the measurements. This reduces power consumption even further. If one of
these settings is changed, the BMP585 transitions back to NORMAL mode.
4.3.6 CONTINOUS mode
Continuous mode performs pressure measurements similar to NORMAL mode. However, the ODR setting is ignored.
Sampling is performed with the maximum frequency that is possible with the selected oversampling settings.
CONTINOUS mode stays in the (active) measurement period and does not cycle to a standby period. The resulting ODR
is not necessarily a value that is selectable via the ODR register. The resulting ODRs for the recommended OSR settings
are shown in Table 9.
4.3.7 Mode transitions
To go in STANDBY status the user must write ODR_CONFIG.pwr_mode = 0b00. The maximum transition time to
STANDBY is tstandby. The effective status of the device is always observable reading back the same register. After a
commanded switch to standby, the user either needs to wait for tstandby or check the status register for a successful
switch, before he can command the device to go to another mode, and before writing to any of the registers named in
section 4.3.8 Mode-depending register write restrictions.
From STANDBY, it can be switched to CONTINUOS, FORCED or NORMAL mode by writing ODR_CONFIG.pwr_mode
register. Directly after the transition to an active mode, the first measurement will be performed. It is recommended to set
the desired measurement configuration, before switching the mode.
4.3.8 Mode-depending register write restrictions
A number of registers and register fields can only be updated when the device is in STANDBY mode. These are for
example the registers for NVM operations (see section 4.8 NVM Programmability), but also configuration registers for the
FIFO and IIR configuration. The register descriptions state if this limitation applies to a register field. Write operations to
these registers in a mode other than STANDBY are lost. It is generally recommended to write configurations before
switching into the measurement mode.
4.3.9 Post-power-up procedure
After power up of the BMP585, it is available after t_powerup. The host should not initiate any communication with the
BMP585 before. Depending on the interface configuration, a dummy read should be the first access to the device (see
section 5.1 Protocol Selection).
It is recommended that the host checks the following status registers after a power-up:
read out the CHIP_ID register and check that it is not all 0
read out the STATUS register and check that status_nvm_rdy==1, status_nvm_err == 0
read out the INT_STATUS.por register field and check that it is set to 1; that means INT_STATUS==0x10
4.3.10 Soft reset
BMP585 can be reset by writing 0xB6 to the CMD register. The BMP585 will come out of the reset after tsoft_res. Softreset
must not be triggered during a NVM user programming sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com