Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP585 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
29 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
4.8 NVM Programmability
The BMP585 contains a non-volatile memory (NVM) that contains trimming and configuration parameters that are used
internally by the sensor. In addition, there is a user range.
4.8.1 NVM User Range
The host can write and read the memory of the user range. The range is located at addresses 0x20-0x22. Each address
holds 2 bytes. This memory area may be used for an end-of-line trim at OEM or ODM sites. The maximum number of
writes during the lifetime of BMP585 is specified by NNVM_WRITE. During the write procedure, the power supply to the
BMP585 must be stable, and no soft-reset must be issued. Otherwise, permanent damage to the device may occur.
4.8.1.1
NVM Read procedure
Switch to STANDBY mode by writing ODR_CONFIG.pwr_mode and ensuring that DEEP STANDBY is disabled 3
Wait until STATUS.nvm_rdy is equal to 1
Write the NVM register, with nvm_row_address containing the address to read, and nvm_prog_en set to 0
Write the USR_READ sequence (0x5D, 0xA5) into to CMD register. This must be done with a dedicated write
transaction, and not in the same burst write as the write to NVM_ADDR
Wait until STATUS.nvm_rdy is equal to 1. This takes approximately 200 μs
Read the data from the NVM_DATA_1 and NVM_DATA_0 registers
Check for errors in STATUS.nvm_err, STATUS.nvm_cmd_err. Read data will not be valid if one of the error flags is
set
4.8.1.2
NVM Write procedure
Switch to STANDBY mode by writing ODR_CONFIG.pwr_mode and ensuring that DEEP STANDBY is disabled 4
Wait until STATUS.nvm_rdy is equal to 1
Write the NVM register, with nvm_row_address containing the address to write, and nvm_prog_en set to 1
Write the data to be programmed to NVM_DATA_1 and NVM_DATA_0
Write the USR_PROG sequence (0x5D, 0xA0) into the CMD register. This must be done with a dedicated write
transaction, and not in the same burst write as the write to NVM_ADDR, NVM_DATA_1 and NVM_DATA_0
Wait untill STATUS.nvm_rdy is equal to 1.This takes approximately 10 ms
Check for errors in STATUS.nvm_err, STATUS.nvm_cmd_err. The write was not successfully performed if one of the
error flags is set
Reset NVM_ADDR.nvm_prog_en to 0
Writes to other NVM addresses than the user range will be ignored.
3
DEEP STANDBY is disabled when at least one of the conditions described in section 4.3.2 is not fulfilled
4
DEEP STANDBY is disabled when at least one of the conditions described in Chapter 4.3.2 is not fulfilled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com