Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP585 Datasheet(PDF) 32 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 32 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 36Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
32 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
5.2.2 I2C timing specifications
For nominal VDDIO voltages of 1.8V (+/- 10%) and higher, the BMP585 follows the I²C specification for standard mode,
fast mode and fast mode plus. For timing specifications, please consult the „I2C-bus specification and user manual“,
UM10204, Rev.6, NXP Semiconductors.
5.3 Pad drive strength
The drive strengths to drive a pad to logical high (IOH, Vout=20%*VDDIO ) or to logical low(IOL, Vout=80%*VDDIO ) are
shown in Table 18 and Table 19.
Table 18: Drive strength in IOH
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com