Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP585 Datasheet(PDF) 49 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 49 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 46Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 53Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
49 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
7 Register Map
Legend
Read-only
Read/Write
Write-only
Reserved
Addr
Name
Reset
value
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
…
-
-
reserved
0x7E
CMD
0x00
cmd
…
-
-
reserved
0x38
OSR_EFF
0x00
odr_is_...
reserved_6
osr_p_eff
osr_t_eff
0x37
ODR_CONFIG
0x70
deep_ dis
odr
pwr_mode
0x36
OSR_CONFIG
0x00
reserved_7
press_en
osr_p
osr_t
0x35
OOR_CONFIG
0x00
cnt_lim
reserved_5_1
oor_- thr...
0x34
OOR_RANGE
0x00
oor_range_p
0x33
OOR_THR_P_MSB
0x00
oor_thr_p_15_8
0x32
OOR_THR_P_LSB
0x00
oor_thr_p_7_0
0x31
DSP_IIR
0x00
reserved_7_6
set_iir_p
set_iir_t
0x30
DSP_CONFIG
0x03
oor_- sel...
fifo_- se..
shdw_-
se...
fifo_- se...
shdw_-
se...
iir_flu.. .
reserved_0_1
…
-
-
reserved
0x2D
NVM_DATA_MSB
0x00
nvm_data_msb
0x2C
NVM_DATA_LSB
0x00
nvm_data_lsb
0x2B
NVM_ADDR
0x00
reserved_7
nvm_pro
...
nvm_row_address
…
-
-
reserved
0x29
FIFO_DATA
0x7F
fifo_data
0x28
STATUS
0x02
reserved_7
reserved_6_5
reserved_4
status_...
status_...
status_...
reserved_0
0x27
INT_STATUS
0x00
reserved_7_5
por
oor_p
fifo_ths
fifo_- full
drdy_- da...
0x26
RESERVED_REG4
0x00
reserved_reg4
0x25
RESERVED_REG3
0x00
reserved_reg3
0x24
RESERVED_REG2
0x00
reserved_reg2
0x23
RESERVED_REG1
0x00
reserved_reg1
0x22
PRESS_DATA_ MSB
0x7F
press_23_16
0x21
PRESS_DATA_LSB
0x7F
press_15_8
0x20
PRESS_DATA_XLSB
0x7F
press_7_0
0x1F
TEMP_DATA_MSB
0x7F
temp_23_16
0x1E
TEMP_DATA_LSB
0x7F
temp_15_8
0x1D
TEMP_DATA_XLSB
0x7F
temp_7_0
0x1C
RESERVED_REG_0
0x00
reserved_reg0
…
-
-
reserved
0x18
FIFO_SEL
0x00
reserved_7_5
fifo_dec_sel
fifo_frame_sel
0x17
FIFO_COUNT
0x00
reserved_7_6
fifo_count
0x16
FIFO_CONFIG
0x00
reserved_7_6
fifo_-
mode
fifo_threshold
0x15
INT_SOURCE
0x00
reserved_7_4
oor_p _en
fifo_th...
fifo_- fu...
drdy_- da...
0x14
INT_CONFIG
0x35
pad_int_drv
int_en
int_od
int_pol
int_- mode
0x13
DRIVE_CONFIG
0x30
pad_if_drv
reserved_3
reserved_2
spi3_e n
i2c_cs b...
…
-
-
reserved
0x11
CHIP_STATUS
0x00
reserved_7_4
i3c_er r_3
i3c_er r_0
hif_mode
…
-
-
reserved
0x02
REV_ID
0x32
asic_rev_id
0x01
CHIP_ID
0x51
chip_id
…
-
-
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com