Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP585 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
13 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
Re-configuration time
treconf
Time from configuration
change in NORMAL or
CONTINUOUS mode to
start of first
measurement
3
ms
Re-configuration time
treconf_deep
Time from configuration
change in NORMAL or
CONTINUOUS mode to
start of first
measurement
4
ms
Time to standby
tstandby
Time from any mode to
STANDBY
2.5
ms
Soft reset duration
tsoft_res
Time from trigger of soft
reset until device ready
2
ms
I²C interface clock
fi2c
@ VDDIO > 1.62 V
- Normal Mode & Fast
Mode @ Cbus < 550pF
- Fast Mode + @Cbus
< 100pF
100
1000
kHz
I²C interface clock low
voltage
fi2c_lowv
@ VDDIO < 1.62 V
- Normal Mode & Fast
Mode @ Cbus < 550pF
- Fast Mode + @Cbus
> 100pF
100
kHz
I3C interface clock
fi3c
@ VDDIO > 1.62 V
- Normal Mode & Fast
Mode @ Cbus < 550pF
- Fast Mode + @Cbus
< 100pF
0.1
12.5
12.9
MHz
I3C interface clock low
voltage
fi3c_lowv
@ VDDIO < 1.62 V
- Normal Mode & Fast
Mode @ Cbus < 550pF
- Fast Mode + @Cbus
> 100pF
0.1
2.5
MHz
SPI interface clock
fspi
@ VDDIO ≥ 1.62 V,
Cbus ≤ 80 pF 4-wire/ 3-
wire; modes 0 and 3
12
MHz
SPI interface clock low
voltage
fspi_lowv
@ VDDIO < 1.62 V,
Cbus ≤ 40 pF 4-wire/ 3-
wire; modes 0 and 3
7
MHz
Peak current
ipeak
maximum DC current
260
μA
Deep Standby current
25°C and
VDDIO=VDD=1.8 V
0.4
0.55
0.7
μA
Deep Standby current
25°C and
VDDIO=VDD=3.6 V
0.55
0.7
μA
Deep Standby current
55°C and
VDDIO=VDD=1.8 V
1.5
3.5
μA
Standby current
25°C and
VDDIO=VDD=1.8 V
0.5
1.0
1.5
μA
Standby current
55°C and
VDDIO=VDD=1.8 V
3.5
5.0
μA
Current consumption low
power mode
OSR set to „lowest
power“ Low Power
Mode ODR=1 Hz 25°C
1.3
1.4
μA
Current consumption
high resolution
OSR set to „highest
resolution“ ODR = 30
Hz 25°C
75
80
μA
Current consumption
high resolution
OSR set to „highest
resolution“ ODR = 30
Hz 55°C
μA
INT pulse length
tint_pulse
Pulse length in pulsed
mode
90
105
121
μs
INT minimum deassert
time
tint_deassert
Minimum time between
INT pin assert
90
105
121
μs
Maximum output rate
(ODR)
in CONTINOUS mode,
pressure and
temperature measured
489
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com