Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP585 Datasheet(PDF) 45 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 45 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 44Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 46Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 49Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
45 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
6 Pin out and connection diagrams
6.1 Pin Out
Figure 22 shows the pin-out of the device from bottom and top view. Table 26 shows the related pin descriptions.
Figure 22: Pin out bottom and top view
Table 26: Pin description
Pin
Name
I/O Type
Description
Connect to
SPI 4W
SPI 3W
1
SCX
In
I2C Serial clock
SPI Serial clock
SCK
SCK
2
SDX
In/Out
I2C Serial data
SPI Serial data input (4-wire)
SPI Serial data IO (3-wire)
SDI
SDI/SDO
3
SDO
In/Out
I2C Slave address LSB
SPI Serial data output (4-wire)
SDO
DNC
4
VDDIO
Supply
Digital interface power supply
VDDIO
5
INT
Out
Interrupt or data ready
host INT input, GNDa or DNC
6
VSSIO/VSS Supply
Ground
GND
7
CSB
In
Chip select for SPI (Low
Active)
CSB
CSB
8
VDD
Supply
Analog power supply
VDD
9
L/M Pad
---
Lasermarking
No external connection
possible due to S/R coverage
a. GND connection is allowed, as long as the IRQ pin is not activated
4
VDDIO
3
SDO
2
SDX
1
SCX
8
VDD
9
L/M
7
CSB
6
VSS
5
INT
BOTTOM VIEW
(pads visible)
TOP VIEW
(pads not visible)
Pin 1
indicat or
4
VDDIO
3
SDO
2
SDX
1
SCX
8
VDD
9
L/M
7
CSB
6
VSS
5
INT
Pin 1
indicat or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com