Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP585 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
14 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
Output data rate (ODR)
range
in NORMAL mode
0.125
240
Hz
Conversion time
pressure
tconv_p
OSR = 1x
-5%
1.0
+5%
ms
OSR = 2x
-5%
1.7
+5%
ms
OSR = 4x
-5%
2.9
+5%
ms
OSR = 8x
-5%
5.4
+5%
ms
OSR = 16x
-5%
10.4
+5%
ms
OSR = 32x
-5%
20.4
+5%
ms
OSR = 64x
-5%
40.4
+5%
ms
OSR = 128x
-5%
80.4
+5%
ms
Conversion time
temperature
tconv_t
OSR = 1x
-5%
1.0
+5%
ms
OSR = 2x
-5%
1.1
+5%
ms
OSR = 4x
-5%
1.5
+5%
ms
OSR = 8x
-5%
2.1
+5%
ms
OSR = 16x
-5%
3.3
+5%
ms
OSR = 32x
-5%
5.8
+5%
ms
OSR = 64x
-5%
10.8
+5%
ms
OSR = 128x
-5%
20.8
+5%
ms
NVM user write cyclesb
NNVM_WRITE
Number of write cycles
to NVM user range
10,000
writes
a. For supply ramps < 0.01 ms, a 10 Ohm resistor must be connected in series to the power supply (see 6.2.5).
b. power supply must be stable during the write sequency. Temperature must be in the range of 0…+65 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com