Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP585 Datasheet(PDF) 12 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 16Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
12 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
Short term drift
∆
Pstab_10st
Drift during 10 s at
constant pressure
(100 kPa) and
temperature (25°C)
±0.5
Pa
Solder Drift
3x reflow soldering
after MSL3
±35
Pa
a.
determined after 168 h HTOL
b.
after 1000 h HTOL@125°C, 1000 h THB @ 85°C and 85% rel. Humidity, or 850 cycles TC @ -40/+125 °C
c.
after 1000 h HTOL@125°C, 1000 h THB @ 85°C and 85% rel. Humidity, or 850 cycles TC @ -40/+125 °C
d.
after 1000 h HTOL@125°C, 1000 h THB @ 85°C and 85% rel. Humidity, or 850 cycles TC @ -40/+125 °C
e.
derived from 1000 h HTOL divided by 5
Table 2: Temperature Performance
Parameter
Symbol
Comment
Min
Typ
Max
Unit
Temperature
measurement range
Temperature
measured in the
entire
temperature
operational
range
-40
85
°C
Absolute accuracy
temperature
At_abs
Extended Range
±0.55
°C
Absolute accuracy
temperature full range
At_abs_full
Operational
Range
±0.70
°C
Temperature data
resolution
At_res
1/65536
°C
Table 3: Mechanical characteristics
Parameter
Symbol
Comment
Min
Typ
Max
Unit
Package footprint
dimensions
3.2 x 3.2
3.25 x 3.25
3.3 x 3.3
mm2
Package height
1.76
1.86
1.96
mm
Number of pins
8
Package category
Moisture
sensitivity level
MSL3
Table 4: Electrical characteristics
Parameter
Symbol
Comment
Min
Typ
Max
Unit
Power supply voltage
VDD
1.71
1.8 / 3.3
3.6
V
Power supply voltage
I/Os
VDDIO
1.08
1.2/ 1.8 / 3.3
3.6
V
Supply ramp time
t_VDDramp &
t_VDDIOramp
10% to 90% of target
voltage
0.01a
10
ms
Operational temperature
range
TOP_full
-40
85
°C
ODR Accuracy
-40...+85°C
-10
+10
%
Power-up time
t_powup
Time to first
communication after
both VDD > VDDmin and
VDDIO > VDDIOmin
2
ms
Start-up time from
SLEEP
t_startup
Time from mode
change to start of
measurement
3
ms
Start-up time from
DEEPSLEEP
tstartup_deep
Time from mode
change to start of
measurement
4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com