Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP585 Datasheet(PDF) 53 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 53 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 53Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 54Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 55Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 56Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 57Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
53 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
8.8 Register (0x17) Number of frames in FIFO
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
0
Content
reserved_7_6
fifo_count
•
fifo_count:(bit offset: 0) Number of frames in FIFO
•
reserved_7_6:(bit offset: 6) reserved
8.9 Register (0x18) FIFO selection configuration
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Reset Value
0
0
0
0
0
0
0
0
Content
reserved_7_5
fifo_dec_sel
fifo_frame_sel
•
fifo_frame_sel:(bit offset: 0) FIFO frame data source selection
Value
Description
0b00 (0x0)
FIFO not enabled
0b01 (0x1)
Temperature data
0b10 (0x2)
Pressure data
0b11 (0x3)
Pressure and temperature data
•
fifo_dec_sel:(bit offset: 2) FIFO decimation selection
•
reserved_7_5:(bit offset: 5) reserved
8.10 Register (0x1C) Reserved
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
0
0
0
0
0
0
Content
reserved_reg0
•
reserved_reg0:(bit offset: 0) reserved (read returns always 0x00)
8.11 Register (0x1D) Temperature XLSB
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
1
1
1
1
1
1
1
Content
temp_7_0
•
emp_7_0:(bit offset: 0) Temperature XLSB Temp_Data arithmetic representation: (signed, 24, 16) [degC]
8.12 Register (0x1E) Temperature LSB
Bit
7
6
5
4
3
2
1
0
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
1
1
1
1
1
1
1
Content
temp_15_8
•
temp_15_8:(bit offset: 0) Temperature LSB Temp_Data arithmetic representation: (signed, 24, 16) [degC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com