Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1060 Datasheet(PDF) 21 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 21 Page - Microchip Technology

Back Button 1060 Datasheet HTML 17Page - Microchip Technology 1060 Datasheet HTML 18Page - Microchip Technology 1060 Datasheet HTML 19Page - Microchip Technology 1060 Datasheet HTML 20Page - Microchip Technology 1060 Datasheet HTML 21Page - Microchip Technology 1060 Datasheet HTML 22Page - Microchip Technology 1060 Datasheet HTML 23Page - Microchip Technology 1060 Datasheet HTML 24Page - Microchip Technology 1060 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
5.14
Address 24: Key Mask
CAL: this bit controls whether the CAL bit causes a CHG transition.
KEY0 – 5 (Key Mask): these bits control whether a change in the corresponding bit in the detection status register
generates a transition on the CHG line. A 1 allows the status bit to cause a CHG request, a 0 stops the
corresponding bit from causing a CHG request.
Default:
0xBF (all bits create a CHG request)
5.15
Address 25: AKS Mask
KEY0 – 5 (AKS Mask): these bits control which keys are included in the AKS group. A 1 means the corresponding
key is included in the AKS group and may only go into detect when it has the largest signal change of any key in the
group. A 0 means that it is excluded and can go into detect whenever its threshold is passed.
Default:
0x00 (no keys are within the AKS group)
5.16
Address 26: PWM Mask
I/O0 – 6 (PWM Mask): these bits control which I/Os that are configured as outputs, and its user output buffer
activated, will output a PWM signal. A 1 means the output generates a PWM signal, a 0 means the output generates
a logic level. The active level of the output (both logical and PWM) is determined by the Active level mask. See
Section 5.24 on page 24 for I/O register precedence and example usage.
Default:
0x00 (PWM is off on all I/Os)
Table 5-14. Key Mask
Address
b7
b6
b5
b4
b3
b2
b1
b0
24
CAL
Reserved
KEY5
KEY4
KEY3
KEY2
KEY1
KEY0
Table 5-15. AKS Mask
Address
b7
b6
b5
b4
b3
b2
b1
b0
25
Reserved Reserved
KEY5
KEY4
KEY3
KEY2
KEY1
KEY0
Table 5-16. PWM Mask
Address
b7
b6
b5
b4
b3
b2
b1
b0
26
Reserved
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com