Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1060 Datasheet(PDF) 3 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 3 Page - Microchip Technology

  1060 Datasheet HTML 1Page - Microchip Technology 1060 Datasheet HTML 2Page - Microchip Technology 1060 Datasheet HTML 3Page - Microchip Technology 1060 Datasheet HTML 4Page - Microchip Technology 1060 Datasheet HTML 5Page - Microchip Technology 1060 Datasheet HTML 6Page - Microchip Technology 1060 Datasheet HTML 7Page - Microchip Technology 1060 Datasheet HTML 8Page - Microchip Technology 1060 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
I
Input only
O
Output only, push-pull
I/O
Input/output
OD
Open drain output
P
Ground or power
14
SNS4
I/O
To Cs Capacitor
Leave open
15
SNS5
I/O
To Cs Capacitor
Leave open
16
VDD
P
Positive power pin
17
VDD
P
Positive power pin
18
VSS
P
Ground power pin
19
IO0
I/O
I/O Port Pin 0
Leave open and set as output
20
IO1
I/O
I/O Port Pin 1
Leave open and set as output
21
IO2
I/O
I/O Port Pin 2
Leave open and set as output
22
CHG
OD
Change line
Leave open
23
SDA
OD
I2C Data line
Resistor to Vdd or
Vss only in standalone mode
24
SCL
OD
I2C Clock Line
Resistor to Vdd or
Vdd only in standalone mode
25
RST
I
Reset, active low
Vdd
26
IO3
I/O
I/O Port Pin 3
Leave open and set as output
27
IO4
I/O
I/O Port Pin 4
Leave open and set as output
28
SNS0K
I/O
To Cs capacitor and to key
Leave open
Table 1-1.
Pin Allocation (Continued)
Pin
Name
Type
Description
If Unused, Connect To...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com