Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1060 Datasheet(PDF) 17 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 17 Page - Microchip Technology

Back Button 1060 Datasheet HTML 13Page - Microchip Technology 1060 Datasheet HTML 14Page - Microchip Technology 1060 Datasheet HTML 15Page - Microchip Technology 1060 Datasheet HTML 16Page - Microchip Technology 1060 Datasheet HTML 17Page - Microchip Technology 1060 Datasheet HTML 18Page - Microchip Technology 1060 Datasheet HTML 19Page - Microchip Technology 1060 Datasheet HTML 20Page - Microchip Technology 1060 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
5.2
Address 0: Chip ID
MAJOR ID: Reads back as 3
MINOR ID: Reads back as 1
5.3
Address 1: Device Version Number
DEVICE VERSION NUMBER: this is the 8-bit firmware version number (
0x03).
5.4
Address 2: Minor Version Number
MINOR VERSION NUMBER: this is the 8-bit minor firmware revision number (
0x00).
32–39
Reserved
Reserved
40–51
Key 0–5 Signal
R
52–63
Key 0–5 Reference
R
Note:
Res = Reserved; only write zero to these bits.
Table 5-1.
Internal Register Address Allocation (Continued)
Address
Use
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Table 5-2.
Chip ID
Address
b7
b6
b5
b4
b3
b2
b1
b0
0
MAJOR ID
MINOR ID
Table 5-3.
Device Version Number
Address
b7
b6
b5
b4
b3
b2
b1
b0
1
DEVICE VERSION NUMBER
Table 5-4.
Minor Version Number
Address
b7
b6
b5
b4
b3
b2
b1
b0
2
MINOR VERSION NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com