Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1060 Datasheet(PDF) 1 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 1 Page - Microchip Technology

  1060 Datasheet HTML 1Page - Microchip Technology 1060 Datasheet HTML 2Page - Microchip Technology 1060 Datasheet HTML 3Page - Microchip Technology 1060 Datasheet HTML 4Page - Microchip Technology 1060 Datasheet HTML 5Page - Microchip Technology 1060 Datasheet HTML 6Page - Microchip Technology 1060 Datasheet HTML 7Page - Microchip Technology 1060 Datasheet HTML 8Page - Microchip Technology 1060 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
9505H–AT42–04/2015
Features
 Configurations:
 Can be configured as a combination of keys and input/output lines
 Number of QTouch® Keys:
 Two to six
 Number of I/O Lines:
 Seven, configurable for input or output, with PWM control for LED driving
 Technology:
 Patented spread-spectrum charge-transfer (direct mode)
 Key Outline Sizes:
 6 mm x 6 mm or larger (panel thickness dependent); widely different sizes and
shapes possible
 Layers Required:
 One
 Electrode Materials:
 Etched copper
 Silver
 Carbon
 Indium Tin Oxide (ITO)
 Panel Materials:
 Plastic
 Glass
 Composites
 Painted surfaces (low particle density metallic paints possible)
 Panel Thickness:
 Up to 10 mm glass (electrode size dependent)
 Up to 5 mm plastic (electrode size dependent)
 Key Sensitivity:
 Individually settable via simple commands over serial interface
 Interface:
 I2C-compatible slave mode (100 kHz). Discrete detection outputs
 Moisture Tolerance:
 Increased moisture tolerance based on hardware design and firmware tuning
 Signal Processing:
 Self-calibration
 auto drift compensation
 noise filtering
 Adjacent Key Suppression® (AKS®)
 Applications:
 Mobile appliances
 Power:
 1.8 V to 5.5 V
 Package:
 28-pin 4 x 4 mm QFN RoHS compliant IC
Atmel AT42QT1060
Six-channel QTouch® Touch Sensor IC
DATASHEET


Similar Part No. - 1060

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1060 SCHURTER-1060 Datasheet
426Kb / 3P
IEC Appliance Inlet C14 with Fuseholder 1-pole
1060 SCHURTER-1060 Datasheet
457Kb / 4P
IEC Appliance Inlet C14 with Fuseholder 1-pole
logo
Heyco.
1060 HEYCO-1060 Datasheet
112Kb / 1P
Original Strain Relief Bushings
logo
Christian Bürkert GmbH ...
1060 BURKERT-1060 Datasheet
1Mb / 19P
Direct-acting 2/2-way or 3/2-way toggle valve
11.11.2022
logo
Abbatron All Rights Res...
1060 ABBATRON-1060 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 1060

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
QTouch Touch Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
Six-channel QTouch Touch Sensor IC
AT42QT1070 ATMEL-AT42QT1070_14 Datasheet
423Kb / 34P
Seven-channel QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT2120 ATMEL-AT42QT2120 Datasheet
583Kb / 46P
QTouch 12-channel Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100 Datasheet
478Kb / 44P
QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com