Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1060 Datasheet(PDF) 16 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 16 Page - Microchip Technology

Back Button 1060 Datasheet HTML 12Page - Microchip Technology 1060 Datasheet HTML 13Page - Microchip Technology 1060 Datasheet HTML 14Page - Microchip Technology 1060 Datasheet HTML 15Page - Microchip Technology 1060 Datasheet HTML 16Page - Microchip Technology 1060 Datasheet HTML 17Page - Microchip Technology 1060 Datasheet HTML 18Page - Microchip Technology 1060 Datasheet HTML 19Page - Microchip Technology 1060 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
5.
Setups
5.1
Introduction
The device calibrates and processes signals using a number of algorithms specifically designed to provide for high
survivability in the face of adverse environmental challenges. User-defined Setups are employed to alter these
algorithms to suit each application. These Setups are loaded into the device over the I
2C serial interfaces.
Table 5-1.
Internal Register Address Allocation
Address
Use
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
Chip ID
R
Major ID (= 3)
Minor ID (= 1)
1
Version
R
Device version number
2
Minor version
R
Minor version number
3
Reserved
Reserved
4
Detection status
R
Calibrating
Res
Key5
Key4
Key3
Key2
Key1
Key0
5
Input port status
R
Res
Input 6
Input 5
Input 4
Input 3
Input 2
Input 1
Input 0
6–11
Reserved
Reserved
12
Calibrate
R/W
Writing a nonzero value forces a calibration
13
Reset
R/W
Writing a nonzero value forces a reset
14
Drift Option
R/W
Res
Res
Res
Res
Res
Res
Res
DRIFT
15
Positive
Recalibration Delay
R/W
MSB
LSB
16
NTHR key 0
R/W
MSB
LSB
17
NTHR key 1
R/W
MSB
LSB
18
NTHR key 2
R/W
MSB
LSB
19
NTHR key 3
R/W
MSB
LSB
20
NTHR key 4
R/W
MSB
LSB
21
NTHR key 5
R/W
MSB
LSB
22
LP mode
R/W
MSB
LSB
23
I/O mask
R/W
MSB
IO6
IO5
IO4
IO3
IO2
IO1
IO0
24
Key mask
R/W
CAL
Res
Key 5
Key 4
Key 3
Key 2
Key 1
Key 0
25
AKS mask
R/W
Res
Res
Key 5
Key 4
Key 3
Key 2
Key 1
Key 0
26
PWM mask
R/W
Res
IO6
IO5
IO4
IO3
IO2
IO1
IO0
27
Detection mask
R/W
Res
IO6
IO5
IO4
IO3
IO2
IO1
IO0
28
Active level mask
R/W
Res
IO6
IO5
IO4
IO3
IO2
IO1
IO0
29
User output buffer
R/W
Res
IO6
IO5
IO4
IO3
IO2
IO1
IO0
30
DI
R/W
MSB
LSB
31
PWM level
R/W
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com