Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1060 Datasheet(PDF) 8 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 1060 Datasheet HTML 4Page - Microchip Technology 1060 Datasheet HTML 5Page - Microchip Technology 1060 Datasheet HTML 6Page - Microchip Technology 1060 Datasheet HTML 7Page - Microchip Technology 1060 Datasheet HTML 8Page - Microchip Technology 1060 Datasheet HTML 9Page - Microchip Technology 1060 Datasheet HTML 10Page - Microchip Technology 1060 Datasheet HTML 11Page - Microchip Technology 1060 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
2.7
Change Line
The Change line (see CHG in Figure 1-1 on page 4) signals when there is a change in state in the Detection or Input
status bytes and is active low. It is cleared (allowed to float high) when the host reads the status bytes.
If the status bytes change back to their original state before the host has read the status bytes (for example, a touch
followed by a release), the CHG line will be held low. In this case, a read to any memory location will clear the CHG
line.
The CHG line is open-drain and should be connected via a 100k
 resistor to Vdd. It is necessary for minimum power
operation as it ensures that the QT1060 can sleep for as long as possible. Communications wake up the QT1060
from sleep causing a higher power consumption if the part is randomly polled.
The keys enabled by the key bit mask or a change in the Input port status cause a key change interrupt (see Table 5-
1 on page 16). Create a guard channel by removing that key from the key mask and including it in the AKS mask.
Touching the guard channel does not cause an interrupt. The key and AKS masks are set by using the mask
commands (see Table 5-1).
2.8
Types of Reset
2.8.1
External Reset
An external reset logic line can be used if desired, fed into the RST pin. However, under most conditions it is
acceptable to tie RST to Vdd.
2.8.2
Soft Reset
The host can cause a device reset by writing a nonzero value to the reset byte. This soft reset triggers the internal
watchdog timer on a ~16 ms interval.
After ~16 ms the device resets and wakes again.
After a further 30 ms initialization period the device begins responding to its I2C slave address.
After another ~80 ms the device asserts the CHG line to indicate it is ready for touch sensing.
The device NACKs any attempts to communicate with it during the first 30 ms of its initialization period.
After CHG goes low, the device calibrates the sensing channels. When complete, the CHG pin is set low once again.
2.9
Moisture Tolerance
The presence of water (condensation, sweat, spilt water, and so on) on a sensor can alter the signal values
measured and thereby affect the performance of any capacitive device. The moisture tolerance of QTouch devices
can be improved by designing the hardware and fine-tuning the firmware following the recommendations in the
application note Atmel AVR3002: Moisture Tolerant QTouch Design (www.atmel.com/Images/doc42017.pdf).
2.10
Calibration
The command byte can force a recalibration at any time by writing a nonzero value to the calibration byte. This can
be useful to clear out a stuck key condition after a prolonged period of uninterrupted detection.
When the device recalibrates, it also autosenses which keys are enabled by examining the burst length of each
electrode. If the burst length is either too short (if there is a missing or open Cs capacitor) or too long (a Cs capacitor
is shorted), the key is ignored until the next calibration.
The count of the number of currently enabled keys is found in the status response byte. This number can change
after a CAL command; for example, if a Cs capacitor is intermittent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com