Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1060 Datasheet(PDF) 26 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 26 Page - Microchip Technology

Back Button 1060 Datasheet HTML 22Page - Microchip Technology 1060 Datasheet HTML 23Page - Microchip Technology 1060 Datasheet HTML 24Page - Microchip Technology 1060 Datasheet HTML 25Page - Microchip Technology 1060 Datasheet HTML 26Page - Microchip Technology 1060 Datasheet HTML 27Page - Microchip Technology 1060 Datasheet HTML 28Page - Microchip Technology 1060 Datasheet HTML 29Page - Microchip Technology 1060 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
26
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
7.
Specifications
7.1
Absolute Maximum Specifications
7.2
Recommended Operating Conditions
7.3
DC Specifications
Vdd
–0.5 to +6 V
Max continuous pin current, any control or drive pin
±10 mA
Short circuit duration to ground, any pin
infinite
Short circuit duration to Vdd, any pin
infinite
Voltage forced onto any pin
–0.6 V to (Vdd + 0.6) V
CAUTION: Stresses beyond those listed under Absolute Maximum Specifications may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at these or other conditions beyond
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
specification conditions for extended periods may affect device reliability.
Operating temp
–40oC to +85oC
Storage temp
–55oC to +125oC
Vdd
+1.8 V to 5.5 V
Supply ripple+noise
±25 mV
Cx load capacitance per key
2 – 20 pF
Vdd = 3.3 V, Cs = 10 nF, load = 5 pF, 32 ms default sleep, Ta = recommended range, unless otherwise noted
Parameter
Description
Minimum
Typical
Maximum
Units
Notes
Vil
Low input logic level
–
–
0.2 × Vdd
V
Vih
High input logic level
0.6 × Vdd
–
–
V
Vol
Low output voltage
–
–
0.5
V
4mA sink
Voh
High output voltage
Vdd – 0.7 V
–
–
V
1 mA source
Iil
Input leakage current
–
–
±1
µA
Ar
Acquisition resolution
–
8
–
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com