Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1060 Datasheet(PDF) 13 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 1060 Datasheet HTML 9Page - Microchip Technology 1060 Datasheet HTML 10Page - Microchip Technology 1060 Datasheet HTML 11Page - Microchip Technology 1060 Datasheet HTML 12Page - Microchip Technology 1060 Datasheet HTML 13Page - Microchip Technology 1060 Datasheet HTML 14Page - Microchip Technology 1060 Datasheet HTML 15Page - Microchip Technology 1060 Datasheet HTML 16Page - Microchip Technology 1060 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
4.
I2C Communications
4.1
I2C Protocol
4.1.1
Protocol
The I2C protocol is based around access to an address table (see Table 5-1 on page 16) and supports multibyte
reads and writes. The maximum clock rate is 100 kHz.
4.1.2
Signals
The I2C interface requires two signals to operate:
SDA - Serial Data
SCL - Serial Clock
A third line, CHG, is used to signal when the device has seen a change in the status byte:
CHG: Open-drain, active low when any capacitive key in the key mask has changed state or any input line has
changed state since the last I2C read. After reading the two status bytes, this pin floats (high) again if it is
pulled up with an external resistor. If the status bytes change back to their original state before the host has
read the status bytes (for example, a touch followed by a release), the CHG line will be held low. In this case,
a read to any memory location will clear the CHG line.
4.1.3
Clock Stretching
The device has an internal monitor that resets its I2C hardware if either I2C-compatible line is held low, without the
other line changing, for more than about 14 ms. It is important that no other device on the bus clock stretches for
14 ms, otherwise the monitor will reset the I
2C hardware and transfers with the chip may be corrupted.
If the device is configured to run in stand-alone mode, the monitor will be turned off.
4.2
I2C Address
There is one preset I2C address of
0x12. This is not changeable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com