Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1060 Datasheet(PDF) 4 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 4 Page - Microchip Technology

  1060 Datasheet HTML 1Page - Microchip Technology 1060 Datasheet HTML 2Page - Microchip Technology 1060 Datasheet HTML 3Page - Microchip Technology 1060 Datasheet HTML 4Page - Microchip Technology 1060 Datasheet HTML 5Page - Microchip Technology 1060 Datasheet HTML 6Page - Microchip Technology 1060 Datasheet HTML 7Page - Microchip Technology 1060 Datasheet HTML 8Page - Microchip Technology 1060 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
1.3
Schematic
Figure 1-1.
Typical Circuit
Note:
In some systems it may be desirable to connect RST to the master reset signal.
For component values in Figure 1-1 check the following sections:
•
Section 3.1 on page 11: Cs capacitors (Cs0 – Cs5)
•
Section 3.2 on page 11: Series resistors (Rs0 – Rs5)
•
Section 3.5 on page 12: Voltage levels
•
Section 4.4 on page 15: SDA, SCL pull-up resistors (not shown)
•
Section 3.3 on page 11: LED traces
SNS4
KEY 4
VDD
14
13
12
3
KEY 3
KEY 2
CHG
SDA
SCL
23
24
I C
Clock in
2
-compatible
Cs4
Rs4
Rs3
Rs2
Cs3
Cs2
QT1060
I C-compatible Data
2
8
7
2
22
11
KEY 1
Rs1
Cs1
1
6
5
27
26
IO6
IO3
IO4
IO5
16
17
SNS4K
SNS3K
SNS3
SNS2K
SNS2
SNS1K
SNS1
Keep these parts
close to the IC
Note: Bypass capacitor to be tightly wired between
Vdd and Vss. Follow
regulator manufacturer for input and output
capacitors.
recommendations from
Vunreg
Voltage Reg
Note: The central pad on the underside of the chip is a
Vss pin and should be connected to ground.
18
Change
100k
VDD
Rchg
25 RST
100nF
CB1
4
IO Port
pins
SNS5
KEY 5
15
Cs5
Rs5
9
SNS5K
10
KEY 0
Rs0
Cs0
28
SNS0K
SNS0
21
20
19
IO0
IO1
IO2
SDA
SCL
23
24
VDD
Standalone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com