Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1060 Datasheet(PDF) 6 Page - Microchip Technology

Part # 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 1060 Datasheet HTML 2Page - Microchip Technology 1060 Datasheet HTML 3Page - Microchip Technology 1060 Datasheet HTML 4Page - Microchip Technology 1060 Datasheet HTML 5Page - Microchip Technology 1060 Datasheet HTML 6Page - Microchip Technology 1060 Datasheet HTML 7Page - Microchip Technology 1060 Datasheet HTML 8Page - Microchip Technology 1060 Datasheet HTML 9Page - Microchip Technology 1060 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
2.
Overview
2.1
Introduction
The AT42QT1060 (QT1060) is a digital burst mode charge-transfer (QT™) capacitive sensor driver designed
specifically for mobile phone applications. The device can sense from two to six keys; up to four keys can be
disabled by not installing their respective sense capacitors (Cs). It also has up to seven configurable input/output
lines, with Pulse Width Modulation (PWM) for driving LEDs.
This device includes all signal processing functions necessary to provide stable sensing under a wide variety of
changing conditions, and the outputs are fully de-bounced. Only a few external parts are required for operation.
The QT1060 modulates its bursts in a spread-spectrum fashion in order to heavily suppress the effects of external
noise, and to suppress RF emissions.
2.2
Keys
The QT1060 can have a minimum of two keys and a maximum of six keys. These can be constructed in different
shapes and sizes. See “Features” on page 1 for the recommended dimensions.
Unused keys should be disabled by removing the corresponding Cs and Rs components and connecting the SNS
pins as shown in the If Unused column of Table on page 2. The unused keys are always pared from the burst
sequence in order to optimize speed. See Section 6. on page 25 about setting up the keys.
2.3
Standalone Mode
The QT1060 can operate in a standalone mode where an I
2C-compatible interface is not required. To enter
standalone mode, connect SDA to Vss and SCL to Vdd before powering up the QT1060.
In standalone mode the default start-up values are used except for the I/O mask (Address 23). The I/O mask is
configured so that all the I/Os are outputs (I/O mask =
0x7F). This means that key detection is reported via the
respective I/Os.
2.4
I/O Lines
2.4.1
Overview
There is an input/output (I/O) port consisting of seven lines that can be individually programmed as inputs or outputs.
They can be either a digital type or PWM. The PWM level can be set to 256 possible values and is common to all
lines.
The I/O lines are normally initialized as inputs. However, if an I2C interface is not used and the SDA and SCL pins
are connected to Vss and Vdd respectively, then the I/O lines are initialized as outputs (see Section 2.3).
The outputs can also be linked to either the detection channels or the output register to allow the outputs to be either
user controlled or to indicate detection. These options can be set in the pin control masks (see Table on page 16).
Unused I/O lines should be disabled by connecting as shown in the If Unused column of Table 1-1 on page 2. See
Section 6. on page 25 about setting up the I/O lines.
2.4.2
I/O Mask
A 1 in any bit position of this mask sets the corresponding pin to an output. If a bit is 0, the pin is an input and the
function of the PWM, detect and active state masks will not matter for this pin. The level of the input pins is reflected
in the input Status register. Changes to the logic levels on the inputs cause the CHG line to be asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com