Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC4-D-R3 Datasheet(PDF) 3 Page - Sensirion AG Switzerland

Part # STCC4-D-R3
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4-D-R3 Datasheet(HTML) 3 Page - Sensirion AG Switzerland

  STCC4-D-R3 Datasheet HTML 1Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 2Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 3Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 4Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 5Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 6Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
3 / 18
1
Measurement Specifications
1.1
CO2 Sensing Performance
The CO2 sensing performance specifications in Table 1 are valid for default conditions of 25 °C, 50 %RH,
1013 hPa, continuous measurement mode with 1 s sampling interval and 3.3 V supply voltage.
Parameter
Conditions
Min.
Typ.
Max.
Unit
CO2 output range
380
32’000
ppm
CO2 measurement
accuracy1, continuous
measurement mode
400 – 5’000 ppm, SHT4x temperature
and humidity compensation
± (100 ppm +
10% of reading)
ppm
CO2 measurement
accuracy1, single shot
measurement mode
400 – 5’000 ppm, SHT4x temperature
and humidity compensation, 10 s
sampling interval
± (100 ppm +
10% of reading)
ppm
Digital resolution
1
ppm
Response time2
τ63%, step change 2’000 – 400 ppm
20
s
Table 1. CO2 sensing performance
1.1.1 Thermal Conductivity Measurement Principle
The sensor measures the thermal conductivity of the gas surrounding the sensing element. Any variation in the
gas composition results in the thermal conductivity deviating from fresh air (defined as a composition of
78% N2, 21% O2, 0.93% Ar, 400 ppm CO2 and a variable content of H2O depending on the relative humidity)
and is interpreted as a change in CO2 concentration. Compositions of artificial reference gas mixtures, such as
100% N2 or 80% N2/20% O2, deviate substantially from fresh air and can lead to measurement errors.
1.1.2 Automatic Self-Calibration
The sensor is operated with a built-in automatic self-calibration (ASC) algorithm to maintain long-term stability
of the CO2 sensing performance. The algorithm assumes that the sensor during operation is exposed to fresh
air containing approximately 400 ppm CO2 concentration at least once per week. Exposure to
CO2 concentrations lower than 400 ppm can affect the sensor accuracy. The ASC state is stored in non-volatile
memory at a maximum interval of 2 hours in continuous measurement mode or after 720 single shot
measurements, corresponding to 2 hours in single shot measurement mode with a 10 s sampling interval.
1.1.3 Warm-Up
After idle or power-off periods longer than 3 hours, the CO2 measurement accuracy is achieved after a
maximum of 1 hour of operation in continuous measurement mode or 360 single shot measurements,
corresponding to 1 hour in single shot measurement mode with a 10 s sampling interval. The
perform_conditioning command (Section 3.4.9) is recommended to improve the CO2 sensing performance after
long idle or power-off periods.
1.1.4 Initial Operation
Initial operation occurs after the first sensor power-up. CO2 measurement accuracy is achieved after a maximum
of 12 hours of operation in continuous measurement mode3, followed by exposure to fresh air containing
approximately 400 ppm CO2 concentration. The first ASC state is saved after sensor operation for 1 hour in
continuous measurement mode or 360 single shot measurements. The sensor will complete a bypass phase
with a CO2 concentration output of 390 ppm during the first 20 s of continuous measurement mode or the first
2 single shot measurements. Restarting the continuous measurement mode or power-cycling within the first
hour of sensor operation will reinitialize the bypass phase and timer for the first ASC state save. The
perform_factory_reset command (Section 3.4.11) reinitializes the bypass phase and resets the ASC history.
1
Deviation from a high-precision reference with gas mixtures having a ±2% tolerance.
2
Response time depends on design-in, signal update rate and environment of the sensor in the final application.
3
Initial operation duration increases for sampling intervals greater than 1 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com