Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC4-D-R3 Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # STCC4-D-R3
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4-D-R3 Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button STCC4-D-R3 Datasheet HTML 9Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 10Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 12Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 13Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 14Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 15Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 16Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 17Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
13 / 18
3.4.14 disable_testing_mode
The disable_testing_mode command is used to exit the testing mode. The sensor is not in testing mode when
the 2nd most significant bit of Byte 10 from the read_measurement (Section 3.4.3) output is equal to 0.
Command
Command
Hex Code
Argument
Consecutive Read
Execution
Time (ms)
Description
disable_testi
ng_mode
0x3F3D
-
-
-
Disables the testing mode.
3.4.15 perform_forced_recalibration
The perform_forced_recalibration command (FRC) is used to correct the sensor’s CO2 concentration output with
an externally provided target CO2 concentration. Ensure the sensor reading and environmental conditions,
including CO2 concentration, are stable for the duration of the recommended operation sequence. See Section
3.5 for the signal output and input conversion. Accepted input values are between 0 – 32’000 ppm.
Command
Command
Hex Code
Argument
Consecutive Read
Execution
Time (ms)
Description
perform_for
ced_recalibr
ation
0x362F
Byte0: Target CO2
concentration 8msb
Byte1: Target CO2
concentration 8lsb
Byte2: CRC
Byte0: CO2 concentration
correction 8msb
Byte1: CO2 concentration
correction 8lsb
Byte2: CRC
90
Performs FRC to the
target CO2
concentration. Failed
command execution
will return 0xFFFF.
Recommended operation sequence:
1. Operate the sensor for a minimum of 30 s in continuous mode or 30 single shot measurements,
corresponding to 5 minutes in single shot measurement mode with a 10 s sampling interval. For sampling
intervals higher than 10 s, increase the operation time accordingly.
2. If operating in continuous mode, send the stop_continuous_measurement command (Section 3.4.2) and wait
for the specified execution time. Else if operating in single shot mode, the sensor must remain in idle mode,
i.e., must not be sent to sleep mode, after operation.
3. Send the perform_forced_recalibration command with the target CO2 concentration and optionally read out
the applied FRC correction.
3.4.16 get_product_id
The get_product_ID command can be used to identify the sensor and verify the communication.
Command
Command
Hex Code
Argument
Consecutive Read
Execution
Time (ms)
Description
Get_product
_id
0x365B
-
6 x (2 Bytes + 1 CRC)
1
Returns a 32-bit product ID
and 64-bit unique serial
number.
Product
Product ID
STCC4
0x0901018A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com