Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC4-D-R3 Datasheet(PDF) 11 Page - Sensirion AG Switzerland

Part # STCC4-D-R3
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4-D-R3 Datasheet(HTML) 11 Page - Sensirion AG Switzerland

Back Button STCC4-D-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 9Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 10Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 12Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 13Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 14Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 15Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
11 / 18
3.4.7 enter_sleep_mode
The enter_sleep_mode command sets the sensor from idle to sleep mode through the I2C interface. The written
relative humidity, temperature, pressure compensation values and ASC state are retained while in sleep mode.
Command
Command
Hex Code
Argument
Consecutive Read
Execution
Time (ms)
Description
enter_sleep_
mode
0x3650
-
-
1
Sets the sensor from idle
mode into sleep mode.
3.4.8 exit_sleep_mode
The exit_sleep_mode command wakes the sensor up from sleep mode to idle mode upon receiving its
I2C address, a write data direction bit and a payload byte 0x00. Note that the payload byte is not acknowledged.
The wake up of the sensor into idle mode can be confirmed by reading out the product ID (see Section 3.4.16).
Command
Payload
Byte
Argument
Consecutive Read
Execution
Time (ms)
Description
exit_sleep_
mode
0x00
-
-
5
Wakes the sensor from sleep
into idle mode.
3.4.9 perform_conditioning
The perform_conditioning command is recommended to improve the initial CO2 sensing performance when the
sensor has not completed measurements for more than 3 hours (See Section 1.1.3).
Command
Command
Hex Code
Argument
Consecutive Read
Execution
Time (ms)
Description
perform_co
nditioning
0x29BC
-
-
22’000
Conditions the sensor with a
set operation profile.
Recommended operation sequence:
1. Power up the sensor or wake the sensor up with the exit_sleep_mode command (Section 3.4.8).
2. Send the perform_conditioning command and wait for the specified execution time.
3. Send a measurement command; e.g., the start_continuous_measurement command (Section 3.4.1) or the
measure_single_shot command (Section 3.4.6).
3.4.10 perform_soft_reset
The perform_soft_reset command triggers a soft reset of the sensor through the I2C general call reset as
implemented according to the NXP I2C-bus specification and user manual14. The perform_soft_reset command
is not acknowledged by the sensor. During the execution time, the sensor will not acknowledge its I2C address
nor accept commands. The general call I2C address is 0x00, the command is 8 bits long and all devices on the
same I2C bus designed to respond to a general call I2C reset will also complete a soft reset.
Command
Command
Hex Code
Argument
Consecutive Read
Execution
Time (ms)
Description
perform_sof
t_reset
0x06
-
-
10
Resets the sensor to the same
state as after a power cycle.
14
NXP I2C-bus specification and user manual UM10204, Rev.7, 01 November 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com