Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC4-D-R3 Datasheet(PDF) 6 Page - Sensirion AG Switzerland

Part # STCC4-D-R3
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4-D-R3 Datasheet(HTML) 6 Page - Sensirion AG Switzerland

Back Button STCC4-D-R3 Datasheet HTML 2Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 3Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 4Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 5Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 6Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 9Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 10Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
6 / 18
2.5 Temperature and Humidity Compensation
The STCC4 requires continuous input from an external SHT4x temperature and humidity sensor for accurate
compensation of the CO2 concentration output. The recommended application circuit for the STCC4 is shown
in Figure 1. The STCC4 has a dedicated I2C controller interface for connecting to SHT4x sensors with
I2C address 0x44. The STCC4 I2C controller interface pads SDA_C and SCL_C have internal pull-up resistors of
10 kΩ. Additional pull-up resistors between the STCC4 and SHT4x are not recommended if the SHT4x is
designed close to the STCC4. The pull-up resistor values (Rp) must be dimensioned based on the bus capacity,
communication frequency and NXP I2C-bus specification and user manual11.
Figure 1. Recommended application circuit. The positioning of the pins is only for illustrative purposes.
2.6
Timing Specifications
Parameter
Sym.
Conditions
Min
Typ
Max
Unit
Power-up time
tPU
After hard reset, VDD ≥ 2.7 V
10
ms
I2C SCL frequency
fI2C
400
1’000
kHz
Table 6. Timing specifications
2.7
Mechanical Specifications
Parameter
Sym.
Conditions
Min
Typ
Max
Unit
Mass
m
0.02
g
Table 7. Mechanical specifications
2.8
Material Specifications
Parameter
Conditions
REACH, RoHS, Halogen-Free
Compliant
Table 8. Material specifications
11
NXP I2C-bus specification and user manual UM10204, Rev.7, 01 November 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com