Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC4-D-R3 Datasheet(PDF) 12 Page - Sensirion AG Switzerland

Part # STCC4-D-R3
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4-D-R3 Datasheet(HTML) 12 Page - Sensirion AG Switzerland

Back Button STCC4-D-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 9Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 10Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 12Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 13Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 14Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 15Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 16Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
12 / 18
3.4.11 perform_factory_reset
The perform_factory_reset command resets the FRC and ASC algorithm history, as well as reenables the bypass
phase (See Section 1.1.4 for more information).
Command
Command
Hex Code
Argument
Consecutive Read
Execution
Time (ms)
Description
perform_fac
tory_reset
0x3632
-
Word[0] = 0 → pass
Word[0] = 0xFFFF →
command failed
90
Resets the FRC and ASC
algorithm history.
3.4.12 perform_self_test
The perform_self_test command can be used to check the sensor functionality in an end-of-line test as well as
for design-in and debugging purposes. The self-test should be performed during stable conditions, i.e., stable
supply voltage, environmental conditions and CO2 concentration.
Command
Command
Hex Code
Argument
Consecutive Read
Execution
Time (ms)
Description
perform_self
_test
0x278C
-
Byte0: Self-test 8msb
Byte1: Self-test 8lsb
Byte2: CRC
360
Performs an on-chip self-test.
A successful test will return
either 0x0000 or 0x0010.
The self-test output is decoded as follows:
Bits
Nonzero Value
0
Supply voltage is out of specified range
3:1
For debugging purposes; contact Sensirion for support
4
SHT is not connected through STCC4 I2C controller interface pad
6:5
Memory error
In case of a memory error, the recommended operation sequence is:
1. Send the perform_soft_reset command (See Section 3.4.10) and wait for the specified execution time. Then
resend the perform_self_test command and wait for the specified execution time.
2. If the memory error persists, power cycle the supply voltage, then resend the perform_self_test command
and wait for the specified execution time.
3. If the memory error persists, measurement results may be compromised.
3.4.13 enable_testing_mode
The enable_testing_mode command is used to pause the ASC algorithm and temporarily disable updates to the
ASC state. It may be used for testing, e.g., the CO2 sensing performance during sensor qualification. The sensor
is in testing mode when the 2nd most significant bit of Byte 10 in the read_measurement command (Section
3.4.3) output is equal to 1.
Command
Command
Hex Code
Argument
Consecutive Read
Execution
Time (ms)
Description
enable_testi
ng_mode
0x3FBC
-
-
-
Enables the testing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com