Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC4-D-R3 Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # STCC4-D-R3
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4-D-R3 Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button STCC4-D-R3 Datasheet HTML 6Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 9Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 10Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 12Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 13Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
10 / 18
3.4.4 set_rht_compensation
External relative humidity (RH) and temperature (T) compensation values can be written through the
set_rht_compensation command when the SHT4x is not controlled by STCC4 through the dedicated I2C
controller interface (see Section 2.5). The RH and T values must be provided from the same RHT sensor. The
written RHT values are utilized for RHT compensation after a maximum of one measurement interval. The
default or last written values are used for RHT compensation until overwritten. Power cycling resets the values
to the default values of 25 °C and 50 %RH. See Section 3.5 for the signal output and input conversion. Do not
use the set_rht_compensation command when an SHT4x is controlled by STCC4 through the I2C controller
interface.
Command
Command
Hex Code
Argument
Consecutive
Read
Execution
Time (ms)
Description
set_rht_com
pensation
0xE000
Byte0: Temperature 8msb
Byte1: Temperature 8lsb
Byte2: CRC
Byte3: Relative humidity 8msb
Byte4: Relative humidity 8lsb
Byte5: CRC
-
1
Writes the RHT values for
compensation.
Example for 25 °C and
50 %RH:
[0xE0, 0x00, 0x66, 0x66,
0x93, 0x72 0xB0, 0xDC]
3.4.5 set_pressure_compensation
External pressure values can be written through the set_pressure_compensation command. The written pressure
value is applied for pressure compensation after a maximum of one measurement interval. The default or the
last written value is used in pressure compensation until overwritten. Power cycling resets the sensor to the
default value of 101’300 Pa. See Section 3.5 for the signal output and input conversion. Input values are clipped
to a range between 40’000 – 110’000 Pa.
Command
Command
Hex Code
Argument
Consecutive
Read
Execution
Time (ms)
Description
set_pressure
_compensat
oin
0xE016
Byte0: Pressure 8msb
Byte1: Pressure 8lsb
Byte2: CRC
-
1
Writes the pressure value.
Example for 101’300 Pa:
[0xE0, 0x16, 0xC5, 0xDA, 0x83]
3.4.6 measure_single_shot
The measure_single_shot command conducts an on-demand measurement of CO2 gas concentration.
Command
Command
Hex Code
Argument
Consecutive Read
Execution
Time (ms)
Description
measure_sin
gle_shot
0x219D
-
-
500
Performs a single shot
measurement.
Recommended operation sequence:
1. Wake the sensor up from sleep mode to idle mode with the exit_sleep_mode command (Section 3.4.8).
2. Send the measure_single_shot command and wait for the specified execution time.
3. Send the read_measurement command (Section 3.4.3) and wait for the specified execution time.
4. Read out the measurement data.
5. Set the sensor to sleep mode with the enter_sleep_mode command (Section 3.4.7).
6. Wait before the next measurement. A sampling interval between 5 s and 600 s (10 minutes) is recommended
to ensure proper operation of the ASC algorithm.
7. Repeat steps 1-5 as required by the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com