Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC4-D-R3 Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # STCC4-D-R3
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4-D-R3 Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  STCC4-D-R3 Datasheet HTML 1Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 2Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 3Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 4Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 5Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 6Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
4 / 18
2
Sensor Specifications
2.1 Recommended Environmental Conditions
The sensor is optimized for operation and storage within the environmental conditions listed in Table 2. For
an extended operating range, external pressure input through the set_pressure_compensation command
(Section 3.4.5) can improve CO2 sensing performance.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating temperature
10
25
40
°C
Storage temperature
10
25
50
°C
Relative humidity
Non-condensing, max dew point 35 °C
20
50
80
%RH
Pressure
Without pressure compensation
85’000 101’300 110’000
Pa
With pressure compensation
70’000 101’300 110’000
Pa
Table 2. Recommended environmental conditions
2.2 Electrical Specifications
Default conditions of 25 °C and 3.3 V supply voltage apply to the values in Table 3, unless otherwise stated.
Parameter
Sym.
Conditions
Min
Typ
Max
Unit
Supply voltage
VDD
2.7
3.3
5.5
V
Unloaded supply voltage
ripple
VRPP
Without the load of the sensor
30
mV
Peak supply current4
Ipeak
3.7
4.2
mA
Average supply current
⟨IDD⟩
Continuous measurement mode
950
µA
Single shot measurement mode5,
10 s sampling interal
100
µA
Idle mode
55
µA
Sleep mode
1
µA
I2C communication
voltage
VI2C
1.8
VDD
V
Low level input voltage
VIL
0
0.3·VI2C
V
High level input voltage
VIH
0.7·VI2C
VI2C
V
Low level output voltage
VOL
Rp ≥ 1.5 kΩ, max sink current 3 mA
0
0.2·VI2C
V
Capacitive bus load6
Cb
Rp ≥ 1.5 kΩ, max sink current 3 mA,
Fast mode Plus
-
90
pF
Table 3. Electrical specifications
4
Higher transient currents on shorter timescales than 10 microseconds may be observed but are typically negligible due to parasitic
R/L/C elements in design-in.
5
On-demand measurement with adjustable sampling interval. See Section 3.4.6 for more information.
6
Refer to the I2C-bus specification for proper dimensioning to achieve desired communication frequency. NXP I2C-bus specification and
user manual UM10204, Rev.7, 01 November 2021.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com