Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC4-D-R3 Datasheet(PDF) 8 Page - Sensirion AG Switzerland

Part # STCC4-D-R3
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4-D-R3 Datasheet(HTML) 8 Page - Sensirion AG Switzerland

Back Button STCC4-D-R3 Datasheet HTML 4Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 5Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 6Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 9Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 10Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 12Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
8 / 18
3.3 Checksum Calculation
The 8-bit checksum is calculated from the two previously transmitted data bytes with the algorithm in Table 9.
Property
Value
Name
CRC-8
Width
8 bit
Protected data
read and/or write data
Polynomial
0x31 (x8 + x5 + x4 + 1)
Initialization
0xFF
Reflect input/output False/False
Final XOR
0x00
Example
CRC (0xBEEF) = 0x92
Table 9. Data checksum properties
3.4 I2C Commands
Section
Command
Hex Code
Executable during
Measurement
3.4.1
start_continuous_measurement
0x218B
No
3.4.2
stop_continuous_measurement
0x3F86
Yes
3.4.3
read_measurement
0xEC05
Yes
3.4.4
set_rht_compensation
0xE000
Yes
3.4.5
set_pressure_compensation
0xE016
Yes
3.4.6
measure_single_shot
0x219D
No
3.4.7
enter_sleep_mode
0x3650
No
3.4.8
exit_sleep_mode
0x00
No
3.4.9
perform_conditioning
0x29BC
No
3.4.10
perform_soft_reset
0x06
Yes
3.4.11
perform_factory_reset
0x3632
No
3.4.12
perform_self_test
0x278C
No
3.4.13
enable_testing_mode
0x3FBC
Yes
3.4.14
disable_testing_mode
0x3F3D
Yes
3.4.15
perform_forced_recalibration
0x362F
No
3.4.16
get_product_ID
0x365B
No
Table 10. List of I2C commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com