Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC4-D-R3 Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # STCC4-D-R3
Description  Minimal Size. Maximize the Potential.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

STCC4-D-R3 Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button STCC4-D-R3 Datasheet HTML 5Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 6Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 7Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 8Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 9Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 10Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 11Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 12Page - Sensirion AG Switzerland STCC4-D-R3 Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.sensirion.com / D1
Version 1 – June 2025
9 / 18
3.4.1 start_continuous_measurement
The start_continuous_measurement command will start a continuous measurement.
Command
Command
Hex Code
Argument
Read Data
Execution
Time (ms)
Description
start_continu
ous_measure
ment
0x218B
-
-
-
Starts continuous
measurement with 1 s
sampling interval.
Recommended operation sequence:
1. Send the start_continuous_measurement command.
2. Wait 1 s13.
3. Send the read_measurement command (Section 3.4.3) and wait the specified execution time.
4. Read out the measurement data.
4.1. If data is not yet available, wait 150 ms and retry to read out the measurement data.
5. Wait 1 s13.
6. Repeat steps 3-5 as needed.
7. To stop the continuous measurement, send the stop_continuous_measurement command (Section 3.4.2)
and wait the specified execution time.
3.4.2 stop_continuous_measurement
The stop_continuous_measurement command will finish the currently running measurement before returning
to idle mode. During the execution time, the sensor will not acknowledge its I2C address nor accept commands.
Command
Command
Hex Code
Argument
Read Data
Execution
Time (ms)
Description
stop_continuo
us_measurem
ent
0x3F86
-
-
1’200
Stops the continuous
measurement and put the
sensor into idle mode.
3.4.3 Read_measurement
Measurement data is read out through the read_measurement command. The measurement data buffer is
emptied upon read-out. Subsequent measurement data can be readout by sending the sensor’s I2C address
and the read direction bit. The sensor will respond with a NACK if no measurement data is available. The
I2C master can abort the read transfer with a NACK followed by a STOP condition after any data byte. See
Section 3.5 for the signal output and input conversion. The sensor status is used to determine if the sensor is
in testing mode (See Section 3.4.13).
Command
Command
Hex Code
Argument Read Data
Execution
Time (ms)
Description
read_measur
ement
0xEC05
-
Byte0: CO2 concentration 8msb
Byte1: CO2 concentration 8lsb
Byte2: CRC
Byte3: Temperature 8msb
Byte4: Temperature 8lsb
Byte5: CRC
Byte6: Relative Humidity 8msb
Byte7: Relative Humidity 8lsb
Byte8: CRC
Byte9: Sensor Status 8msb
Byte10: Sensor Status 8lsb
Byte11: CRC
1
Reads out the
measurement data.
Values for temperature
and humidity are
provided as received from
the external temperature
and humidity sensor.
13
Note that the sensor and the microcontroller are subject to clock tolerances. The effective sampling interval is 1’000 ms ± 150 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com