Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWE-102-R Datasheet(PDF) 22 Page - Autonics Corporation

Part # PWE-102-R
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PWE-102-R Datasheet(HTML) 22 Page - Autonics Corporation

Back Button PWE-102-R Datasheet HTML 16Page - Autonics Corporation PWE-102-R Datasheet HTML 17Page - Autonics Corporation PWE-102-R Datasheet HTML 18Page - Autonics Corporation PWE-102-R Datasheet HTML 19Page - Autonics Corporation PWE-102-R Datasheet HTML 20Page - Autonics Corporation PWE-102-R Datasheet HTML 21Page - Autonics Corporation PWE-102-R Datasheet HTML 22Page - Autonics Corporation PWE-102-R Datasheet HTML 23Page - Autonics Corporation PWE-102-R Datasheet HTML 24Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image

Control Switches
Push Buttons
Illuminated
Push Buttons Pilot Lamps
Selector
Switches
Emergency
Stops
Double Push
Buttons
Buzzer
Model
MC2-P
MC2-LP
MC2-PI
MC2-S
MC2-E
MC2-2P
MC2-B-D
Life
Mechanical
50,000 times (0 times/min)
Rated
Voltage
AC/DC 1~0V
Electrical
100,000 times (0 times/min)
Current
60mA
Sound
Level
85dB @ 0.1m
75dB @ 1m
Protection Degree
IP5
IP50
IP40
Initial Contact Resistance
20MΩ maximum
Insulation Resistance
Min.100MΩ
Min.50MΩ
Operation Frequency
Max. 0 times/min
~ times/sec
Impact
Endurance
Min. 500m/s
²
No movement
Min. 100m/s
²
Vibration
10~55Hz with mm pick to pick
Operating Temperature: -15~40
°C
Operating Humidity: 45~85%RH
Storage Temperature: -40~70
°C
Model
NO
Contact
MC22-UA
NC
Contact
MC22-UB
Appearance
NO
NC
Contact
Capacity
110 VAC 10A / 0 VAC 5A
Approval
Contact Blocks
Model
DC/AC
LED
MC22-UA
AC
LED
MC22-UB
Appearance
100V~4mA / 220V~10mA
Operating
Voltage
DC/AC 1~0V
AC 110~0V
Current
Consumption
4~10mA
4~10mA
LED Life
50,000 hours
Approval
LEDs
Ø22 Push Button Mounting Hole Layout
& Panel Cutout
Specifications
Buzzers
Selectable Continuous and Intermittent Sound
LED Illumination
AC/DC 12~30V rated
•
•
•
MC2-B-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com