Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWE-102-R Datasheet(PDF) 6 Page - Autonics Corporation

Part # PWE-102-R
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PWE-102-R Datasheet(HTML) 6 Page - Autonics Corporation

Back Button PWE-102-R Datasheet HTML 2Page - Autonics Corporation PWE-102-R Datasheet HTML 3Page - Autonics Corporation PWE-102-R Datasheet HTML 4Page - Autonics Corporation PWE-102-R Datasheet HTML 5Page - Autonics Corporation PWE-102-R Datasheet HTML 6Page - Autonics Corporation PWE-102-R Datasheet HTML 7Page - Autonics Corporation PWE-102-R Datasheet HTML 8Page - Autonics Corporation PWE-102-R Datasheet HTML 9Page - Autonics Corporation PWE-102-R Datasheet HTML 10Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TOWER LIGHTS
6
PRE Ø56mmLEDSteady&FlashingwithBuzzer
Long life and reliability
Prism-cut lenses for even light distribution
Surface, Pole or Wall Mounted
(Order poles & bases separately)
Wire leads
Add-on Buzzer (80 dB) kit available
•
•
•
•
•
Order Information
Optional Orders
Specifications
Dimensions
Light Style
Steady
F
Steady & Flashing
Number of Stacks
1
1 Light
2
 Lights
3
 Lights
4
4 Lights
5
5 Lights
Power Supply
01
DC/AC 1V
02
DC/AC 4V
10
AC 110V
20
AC 0V
Lens Colors
(top to bottom)
R
Red
Y
Yellow
G
Green
B
Blue
C
Clear
PRE
F – 5
01 –
RYGBC
PART
PART NUMBER
DESCRIPTION
Buzzer
MPZ-56E
Ø56mm, 80dB (0mA), 4~40V DC/AC
*Buzzer is not available for 1V DC/AC.
Replacement Parts
LED
PRELED-5(□)
4~40V AC/DC
PRELED-5(□)-12
1V AC/DC
Lens
PEL-5(□)
―
(□): indicates color of LED or Lens; R, Y, G, B or C
Power Supply
1V AC/DC
4V AC/DC
10/40V AC
Current
Draw
1 Stack
54 mA
8 mA
5 mA
 Stack
109 mA
6 mA
57 mA
 Stack
169 mA
10 mA
91 mA
4 Stack
 mA
16 mA
14 mA
5 Stack
75 mA
169 mA
155 mA
Buzzer
—
0 mA
Sound Level
—
80 dB
Flashing rate
80 times/minute
Rating
IP 56
unit: mm
See
Page 13-14
for Mounting Options and Accessories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com