Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWE-102-R Datasheet(PDF) 15 Page - Autonics Corporation

Part # PWE-102-R
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PWE-102-R Datasheet(HTML) 15 Page - Autonics Corporation

Back Button PWE-102-R Datasheet HTML 11Page - Autonics Corporation PWE-102-R Datasheet HTML 12Page - Autonics Corporation PWE-102-R Datasheet HTML 13Page - Autonics Corporation PWE-102-R Datasheet HTML 14Page - Autonics Corporation PWE-102-R Datasheet HTML 15Page - Autonics Corporation PWE-102-R Datasheet HTML 16Page - Autonics Corporation PWE-102-R Datasheet HTML 17Page - Autonics Corporation PWE-102-R Datasheet HTML 18Page - Autonics Corporation PWE-102-R Datasheet HTML 19Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
www.AutonicsOnline.com
1.866.86.60
15
SIGNAL LIGHTS
MS86
L–F
02
– R
Lens Colors
R
Red
Y
Yellow
G
Green
B
Blue
C
Clear
Power Supply
02
AC/DC 1~4V
(AC/DC 4V for LED Style)
10
AC 110V
Light Style
L-F
LED Steady & Flashing
L-B
LED Steady & Flashing
with Buzzer
S-SD
Xenon Strobe
MS86 Ø86mmLEDSteady&Flashing/XenonStrobeLights
Order Information
Optional Orders
Specifications
Dimensions
Wiring Diagram
Model
MS86L
MS86S
Style
LED Steady/Flashing
Xenon Strobe
Power Supply
AC/DC 4V
AC 110V
AC/DC 1-4V
AC 110V
Current Consumption
Red
10mA
Yellow
10mA
Green
140mA
Blue
140mA
Clear
140mA
00mA
max. dash current:
600mA
0mA
6W
Flash (Strobe Pulse) Rate
80 time/minute ± %
60 times/minute ± %
Sound Level
max. 85dB at 1m
—
Dielectric Strength
500VAC for 1 min.
Vibration
15~55 Hz; xyz/60min (70m/s², 7G)
Insulation Resistance
1MΩ (at 500VDC mega)
Ambient Temperature
-0~40°C
-0~70°C
Storage Temperature
-5~85°C
Ambient Humidity
45~85% RH
Degree of Protection
IP65 (IP5 with Buzzer)
IP65
Recommended Wire Size
PUR Ø5/PVC Ø5 P/0.SQ
Weight
0.kg ± 5%
Stud Mount Hole Layout
unit: mm
Ultra bright LED or Xenon lights
Wide light distribution with prism-cut dome-shaped lens
Outstanding visibility at distance
Selectable Steady or Flashing Modes for LED lights
PCB module style Xenon lamp
Fast and easy replacement of lamp
Red, Yellow, Green, Blue and lens available
IP65 rated
•
•
•
•
•
•
•
•
Replacement Parts
Xenon
PCB
Module
MS86S-LAMP-02
AC/DC
1~4V
MS86S-LAMP-10
AC
110V
Lens
LENS-MS86-(□)
Dome
Lens
(□): indicates color of Lens; R, Y, G , B or C
MAM-DS6
MAM-DS0-BLK (Black)
MAM-DS0-BGE (Beige)
Wall Mount Brackets
NOTE: See Page 13 & 14 for
Mounting Options and Dimensions.
*Power Supply
AC/DC 1~4V
AC 110V
* No polarity for DC applications.
Pole Mount Adaptor
Pole Mounting
Example
MAM-DS31
F
C
NF
F C
C
NF
Steady
Flashing
LED Light
Steady/Flashing
Selection
XENON
XENON
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com