Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWE-102-R Datasheet(PDF) 7 Page - Autonics Corporation

Part # PWE-102-R
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PWE-102-R Datasheet(HTML) 7 Page - Autonics Corporation

Back Button PWE-102-R Datasheet HTML 3Page - Autonics Corporation PWE-102-R Datasheet HTML 4Page - Autonics Corporation PWE-102-R Datasheet HTML 5Page - Autonics Corporation PWE-102-R Datasheet HTML 6Page - Autonics Corporation PWE-102-R Datasheet HTML 7Page - Autonics Corporation PWE-102-R Datasheet HTML 8Page - Autonics Corporation PWE-102-R Datasheet HTML 9Page - Autonics Corporation PWE-102-R Datasheet HTML 10Page - Autonics Corporation PWE-102-R Datasheet HTML 11Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TOWER LIGHTS
www.AutonicsOnline.com
1.866.86.60
7
PME
F – 5
01 –
RYGBC
Light Style
Steady
F
Steady & Flashing
Number of Stacks
1
1 Light
2
 Lights
3
 Lights
4
4 Lights
5
5 Lights
Power Supply
01
DC/AC 1V
02
DC/AC 4V
FF
AC 90~40V
Lens Colors
(top to bottom)
R
Red
Y
Yellow
G
Green
B
Blue
C
Clear
Order Information
Specifications
Replacement Parts
LED
PMELED-4(□)
4~40V AC/DC
PMELED-4(□)-12
1V AC/DC
Lens
PML-4(□)
―
(□): indicates color of LED or Lens; R, Y, G, B or C
Power Supply
1V AC/DC
4V AC/DC
100-0V AC
Current
Draw
1 Stack
41 mA
7 mA
8 mA
 Stack
89 mA
57 mA
60 mA
 Stack
149 mA
95 mA
99 mA
4 Stack
04 mA
15 mA
11 mA
5 Stack
40 mA
155 mA
16 mA
Flashing rate
80 times/minute
Rating
IP 56
unit: mm
PME Ø45mmLEDSteady&Flashing
Long life and reliability
Prism-cut lenses for even light distribution
Surface, Pole or Wall Mounted
(Order poles & bases separately)
Wire leads
•
•
•
•
TOWER LIGHTS
PAE Ø25mmLEDSteady&Flashing
Specifications
Power Supply
1V AC/DC
4V AC/DC
Current
Draw
1 Stack
0 mA
5 mA
 Stack
65 mA
60 mA
 Stack
100 mA
90 mA
4 Stack
15 mA
10 mA
5 Stack
170 mA
150 mA
Flashing rate
80 times/minute
Rating
IP 56
Long life and reliability
Prism-cut lenses for even light distribution
Surface, Pole or Wall Mounted
(Order poles & bases separately)
Wire leads
•
•
•
•
Order Information
unit: mm
Light Style
Steady
F
Steady & Flashing
Mounting
Standard
M
Pole Mount
R
90° Bracket
Pole Length
No Pole
G
51mm pole
P
150mm pole
Number of Stacks
1
1 Light
2
 Lights
3
 Lights
4
4 Lights
5
5 Lights
Power Supply
01
DC/AC 1V
02
DC/AC 4V
Lens Colors
(top to bottom)
R
Red
Y
Yellow
G
Green
B
Blue
C
Clear
PAE
F
M
G –
5
01 –
RYGBC
  
See
Page 13-14
for Mounting Options and Accessories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com