Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWE-102-R Datasheet(PDF) 3 Page - Autonics Corporation

Part # PWE-102-R
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PWE-102-R Datasheet(HTML) 3 Page - Autonics Corporation

  PWE-102-R Datasheet HTML 1Page - Autonics Corporation PWE-102-R Datasheet HTML 2Page - Autonics Corporation PWE-102-R Datasheet HTML 3Page - Autonics Corporation PWE-102-R Datasheet HTML 4Page - Autonics Corporation PWE-102-R Datasheet HTML 5Page - Autonics Corporation PWE-102-R Datasheet HTML 6Page - Autonics Corporation PWE-102-R Datasheet HTML 7Page - Autonics Corporation PWE-102-R Datasheet HTML 8Page - Autonics Corporation PWE-102-R Datasheet HTML 9Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.AutonicsOnline.com
1.866.86.60

Specifications
Body Units
Operation/Function
Steady/ Flashing
Power Supply
AC/DC 4V (±10%)
AC 90~40V 50/60 Hz
(±10%)
Buzzer Sound Level
Fixed: 85dB Adjustable: 10~85dB
Lens Color
Red, Yellow, Green, Blue & Clear
Lens Diameter
56 mm (. inch)
Maximum Tier
5
Flash Rate
80 times/ minute
Vibration
mm at 10~55Hz
Ambient Temperature
-15°C~40°C
Storage Temperature
-40°C ~ 70°C
Ambient Humidity
45~85% RH
Degree of Protection
NEMA 4x, IP65 / IP50 (with Buzzer)
Approvals
CE , UL, RoHS
Recommended Wire Size
1007 UL /  AWG
Buzzer Kits
Model
MPZ-56F
MPG-56G
Style
Fixed Sound Level
Adjustable Sound Level
Sound Level
85 dB
10~85 dB
Current Consumption
/ Power
0mA / 0.7W
0mA/ 0.7W
Weight
.g
g
LED Modules
Red
Yellow
Green
Blue
Clear
Current /
Power
Standard
Module
7mA / 0.65W
5mA / 0.84W
Dome
Head
Module
58mA / .64W
5mA / 1.5W
5mA /
1.7W
Weight
Standard Module: 4.8g
Dome Head Module: 5g
AC 90~240V
Steady Lights
PTE-A-FF PTE-S-FF PTE-T
□-FF
Wiring Diagram
Terminal Numbers
DC/AC 24V
Steady Lights
PTE-A-0 PTE-S-0 PTE-T
□-0
AC 90~240V
DC/AC 24V
Steady & Flashing Lights
PTE-AF-0 PTE-AF-FF
PTE-SF-0 PTE-SF-FF
PTE-T
□F-0 PTE-T□F-FF
PIN #
Description
1
Light 1
2
Light 
3
Light 
4
Light 4
5
Light 5 or Buzzer
6
Steady COM
7
Flashing COM
A
Power Supply (+)
B
Power Supply (-)
Terminal Connections
Terminal Numbers
LIGHT 
: Red
LIGHT 
: Yellow
LIGHT 
: Violet
LIGHT 
: Blue
Black
External
Contacts
LIGHT  / BUZZER
: Gray
/
External
Contacts
LIGHT 
: Red
LIGHT 
: Yellow
LIGHT 
: Violet
LIGHT 
: Blue
Orange
White
Black
Power Supply
LIGHT  / BUZZER
: Gray
/
Terminal Numbers
External
Contacts
Steady Lights
& Buzzer
Flashing
Lights
LIGHT 
: Red
LIGHT 
: Yellow
LIGHT 
: Violet
LIGHT 
: Blue
Steady
Flashing
Orange
Sky Blue
White
Black
/
LIGHT  / BUZZER
: Gray
* No polarity for DC applications.
* No polarity for DC applications.
*Power Supply
*Power Supply
A (+)
B (-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com