Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWE-102-R Datasheet(PDF) 10 Page - Autonics Corporation

Part # PWE-102-R
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PWE-102-R Datasheet(HTML) 10 Page - Autonics Corporation

Back Button PWE-102-R Datasheet HTML 6Page - Autonics Corporation PWE-102-R Datasheet HTML 7Page - Autonics Corporation PWE-102-R Datasheet HTML 8Page - Autonics Corporation PWE-102-R Datasheet HTML 9Page - Autonics Corporation PWE-102-R Datasheet HTML 10Page - Autonics Corporation PWE-102-R Datasheet HTML 11Page - Autonics Corporation PWE-102-R Datasheet HTML 12Page - Autonics Corporation PWE-102-R Datasheet HTML 13Page - Autonics Corporation PWE-102-R Datasheet HTML 14Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TOWER LIGHTS
10
Order Information
Optional Orders
unit: mm
MT5C/8C Ø56mm/Ø85mmSteady&FlashingwithBuzzer
Optional LED bulbs available
Selectable Steady or Flashing Modes
Prism-cut lenses for even light distribution
Surface, Pole or Wall Mounted (Order poles & bases separately)
Wire leads or Terminal connection
Add-on Buzzer (80 dB) kit available
NEMA 12, 3R / IP56 rated
•
•
•
•
•
•
•
Lens Diameter
5
Ø56mm
8
Ø85mm
Light Style
C
Steady & Flashing
Number of Stacks
1
1 Light
2
 Lights
3
 Lights
4
4 Lights
5
5 Lights
Power Supply
A
DC/AC 4V
B
AC 110~10V
C
AC 0~40V
Connection
L
Lead Wires
T
Screw Terminals
Lens Colors
(top to bottom)
R
Red
Y
Yellow
G
Green
B
Blue
C
Clear
MT
5
C
5
A
L –
RYGBC
    
Dimensions
Incandescent or LED
Buzzer Kits
MPZ –
56
A
Power Supply
A
DC/AC 4V, 80dB (0mA)
B
AC 110~10V, 80dB (0mA)
C
AC 0~40V, 80dB (0mA)
Buzzer Size (Diameter)
56
Ø56mm (for MT5C Series)
85
Ø85mm (for MT8C Series)
Replacement Parts
LED
LED-T15-D-24-(□)
DC 4V
LED-T15-D-110-(□)
AC 110~10V
LED-T15-D-220-(□)
AC 0~40V
BULB
MAB-T15-D-024-10
DC/AC 4V, 10W
MAB-T15-D-120-10
AC 110~10V, 10W
MAB-T15-D-240-10
AC 0~40V, 10W
Lens
—
MAL-5(□)
Ø56mm
MAL-8(□)
Ø85mm
(□): indicates color of LED or Lens; R, Y, G, B or C
Symbol
Model
MT5C
MT8C
A
9
9
B
185
185
C
95
108
*T
17
188
D
56
85
E
15
15
1
68
68
2
16
16
3
04
04
4
7
7
5
40
40
*T: Terminal board style
Symbol MPZ-56 MPZ-85
A
56
86
B
48
50
C
54
56
Buzzer Kit
MPZ-56
MPZ-85
▪
Specifications
Power Supply
4V AC/DC 110~10V AC 0~40V AC
Current
Draw
Bulb
1 Stack
54 mA
8 mA
5 mA
 Stack
109 mA
6 mA
57 mA
 Stack
169 mA
10 mA
91 mA
4 Stack
 mA
16 mA
14 mA
5 Stack
75 mA
169 mA
155 mA
LED
Per
Stack
180 mA
5 mA
8 mA
Buzzer
0 mA
LED Life-Span
10,000 hours (minimum)
Sound Level
80 dB
Flashing rate
80 times/minute
Rating
NEMA 1, R / IP 56
Approvals
UL, cUL, CE
See
Page 13-14
for Mounting Options and Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com