Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWE-102-R Datasheet(PDF) 20 Page - Autonics Corporation

Part # PWE-102-R
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PWE-102-R Datasheet(HTML) 20 Page - Autonics Corporation

Back Button PWE-102-R Datasheet HTML 16Page - Autonics Corporation PWE-102-R Datasheet HTML 17Page - Autonics Corporation PWE-102-R Datasheet HTML 18Page - Autonics Corporation PWE-102-R Datasheet HTML 19Page - Autonics Corporation PWE-102-R Datasheet HTML 20Page - Autonics Corporation PWE-102-R Datasheet HTML 21Page - Autonics Corporation PWE-102-R Datasheet HTML 22Page - Autonics Corporation PWE-102-R Datasheet HTML 23Page - Autonics Corporation PWE-102-R Datasheet HTML 24Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
0
MC2 – P R – A
CONTACT BLOCK
A
NO Contact
B
NC Contact
COLOR
R
RED
Y
YELLOW
G
GREEN
B
BLUE
K
BLACK
STYLE
P
Momentary Push Button
Momentary Push Buttons
MC2 – LPS R – A D
LED
D
1~0V DC/AC LED
L
110~0V AC LED
CONTACT BLOCK
A
NO Contact
B
NC Contact
COLOR
R
RED
Y
YELLOW
G
GREEN
B
BLUE
C
CLEAR
STYLE
LPS Illuminated Push Button
Illuminated Push Buttons
MC2 – PI
D R – D
LED
D
1~0V DC/AC LED
L
110~0V AC LED
COLOR
R
RED
Y
YELLOW
G
GREEN
B
BLUE
C
CLEAR
HEAD STYLE
D
Dome Head
H
Horn Head
F
Flush Head
STYLE
PI
Pilot Lamp
Pilot Lamps
Momentary Push
Single Normally Open contact
Flush Mount Accessory and Water Proof Protector available
•
•
•
Momentary Push
Single Normally Open contact included
AC/DC LED configuration in various colors
Flush Mount Accessory and Water Proof Protector available
•
•
•
•
LED illumination with clear visibility
AC/DC LED configuration in various colors
•
•
MC2 Ø22mm
Push Buttons & Control Switches
unit: mm
unit: mm
unit: mm
Dome Head
Horn Head
Flush Head



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com