Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWE-102-R Datasheet(PDF) 2 Page - Autonics Corporation

Part # PWE-102-R
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PWE-102-R Datasheet(HTML) 2 Page - Autonics Corporation

  PWE-102-R Datasheet HTML 1Page - Autonics Corporation PWE-102-R Datasheet HTML 2Page - Autonics Corporation PWE-102-R Datasheet HTML 3Page - Autonics Corporation PWE-102-R Datasheet HTML 4Page - Autonics Corporation PWE-102-R Datasheet HTML 5Page - Autonics Corporation PWE-102-R Datasheet HTML 6Page - Autonics Corporation PWE-102-R Datasheet HTML 7Page - Autonics Corporation PWE-102-R Datasheet HTML 8Page - Autonics Corporation PWE-102-R Datasheet HTML 9Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image

TOWER LIGHTS
PTE Ø56mmLEDModularStyleSteady&FlashingwithBuzzer
Order Information
Dimensions
LED modular components
Bright & even light distribution through prism-cut lenses
Fast & easy assembly with inter-locking construction
3 base body options
Optional 85dB Buzzer (fixed or adjustable volume)
NEMA 4x / IP65 rated
RoHS compliant
•
•
•
•
•
•
•
Body Units
Body Type
Voltage
Part Number
Steady
Steady & Flashing
Lead Wire
Connection
Pole
Mounting
AC 90~240V
PTE-A-FF
PTE-AF-FF
DC/AC 24V
PTE-A-02
PTE-AF-02
Surface
Mounting
AC 90~240V
PTE-S-FF
PTE-SF-FF
DC/AC 24V
PTE-S-02
PTE-SF-02
Terminal
Connection
Pole
Mounting
AC 90~240V
PTE-TP-FF
PTE-TPF-FF
DC/AC 24V
PTE-TP-02
PTE-TPF-02
Surface
Mounting
AC 90~240V
PTE-TC-FF
PTE-TCF-FF
DC/AC 24V
PTE-TC-02
PTE-TCF-02
LED Modules
LED Color
Part Number
Standard Module
Dome Head Module
RED
PTE-02R
PTD-02R
Yellow
PTE-02Y
PTD-02Y
Green
PTE-02G
PTD-02G
Blue
PTE-02B
PTD-02B
*Clear
PTE-02C
PTD-02C
*Clear Module cannot be used with Buzzer.
Buzzer Kits (Optional)
Buzzer Style
Part Number
Fixed Sound Level
MPZ-56F
Adjustable Sound Level
MPZ-56G
*Note: Max. number of tier including Buzzer is 5.
Standard Modules
Dome Head Modules
Ø56
Ø56
Locking Bolts
Number of LED
Stacks
Part Number
Size
1 Stack
B-PTE-1
M4, 65mm
2 Stacks
B-PTE-2
M4, 105mm
3 Stacks
B-PTE-3
M4, 145mm
4 Stacks
B-PTE-4
M4, 185mm
5 Stacks
B-PTE-5
M4, 225mm
*Note: Do NOT count Buzzer as a stack.
Buzzer Kit
Locking Bolt
Body Unit
LED Modules
Mounting
Accessories
PTE-A-□□
PTE-AF-□□
PTE-S-□□
PTE-SF-□□
PTE-TP-□□
PTE-TPF-□□
unit: mm
See
Page 13-14
for Mounting Options and Accessories.
Buzzer Kits
Ø56
14.8
Sound Level Adjuster
Lead Wire Connection
Terminal Connection
PTE-TC-□□
PTE-TCF-□□
Pole Mounting
Surface Mounting
Pole Mounting
Surface Mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com