Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWE-102-R Datasheet(PDF) 17 Page - Autonics Corporation

Part # PWE-102-R
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PWE-102-R Datasheet(HTML) 17 Page - Autonics Corporation

Back Button PWE-102-R Datasheet HTML 13Page - Autonics Corporation PWE-102-R Datasheet HTML 14Page - Autonics Corporation PWE-102-R Datasheet HTML 15Page - Autonics Corporation PWE-102-R Datasheet HTML 16Page - Autonics Corporation PWE-102-R Datasheet HTML 17Page - Autonics Corporation PWE-102-R Datasheet HTML 18Page - Autonics Corporation PWE-102-R Datasheet HTML 19Page - Autonics Corporation PWE-102-R Datasheet HTML 20Page - Autonics Corporation PWE-102-R Datasheet HTML 21Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
www.AutonicsOnline.com
1.866.86.60
17
SIGNAL LIGHTS
Order Information
Optional Orders
Specifications
ASG
B – 012 – R
Lens Colors
R
Red
Y
Yellow
G
Green
B
Blue
Power Supply
012
DC 1V
024
DC 4V
110&220
AC 110/0V
Strobe Light Only ┌
110
AC 110V
└
220
AC 0V
Light Style
Rotating Light
B
Rotating Light
with Buzzer
F
Flashing Light
AC 110 or 220V
Only►
S
Strobe Light
with Xenon Bulb
ASG Ø86mmRotating/Flashing/StrobeBeaconswithBuzzer
Model
ASG/ASGB
ASGF
ASGS
Bulb Type
Incandescent
Xenon
Power Supply
1VDC, 4VDC, 110/0VAC 110VAC, 0VAC
Current
Draw
&
Wattage
1VDC
0.7A, 8W
—
4VDC
0.A, 8W
—
110/0VAC
0.0A, 5W
—
110VAC
—
0.A, 6W
0VAC
—
0.11A, 6W
Sound Level
80 dB
—
Rotation Rate
10 times/minute
—
Flashing rate
—
80 times/minute
MAM-DS6
MAM-DS0-BLK (Black)
MAM-DS0-BGE (Beige)
Wall Mount Brackets
XENON
XENON
WHITE
BLACK
EXTERNAL
CONTACT
FUSE
POWER
SUPPLY
RED
WHITE
BLACK
EXTERNAL
CONTACT
FUSE
0V
AC
110V
AC
POWER
SUPPLY
POWER
SUPPLY
Light:
RED
WHITE
BLACK
EXTERNAL
CONTACT
FUSE
Flashing:
BLUE
DC Rotating Lights
ASG-012-□ ASGB-012-□
ASG-024-□ ASGB-024-□
AC Rotating & Strobe Lights
ASG-110&220-□ ASGS-110-□
ASGB-110&220-□ ASGS-220-□
Wiring Diagram
DC & AC Flashing Lights
ASGF-012-□ ASGF-110&220-□
ASGF-024-□
Dimensions
unit: mm
Ø86
-M4 Bolt
-M4 Bolt
PCD Ø50
Wire Entry Hole
Ø1
Stud Mount Hole Layout
Incandescent or Xenon type
Red, Yellow, Green and Blue lens available
Smooth lens
Stud mounted
Optional Wall Mounting Brackets available
Wide range of power supply
•
•
•
•
•
•
Replacement Parts
Bulb
MAB-T15-S-012-08
1V DC, 8 Watt
MAB-T15-S-024-08
4V DC, 8 Watt
MAB-T15-S-012-05
110/0V AC, 5 Watt
Xenon Bulb
MAB-STROBE-110-06
110/0V AC, 6 Watt
Lens
LENS-ASG-(□)
Smooth Lens for Rotating Lights
LENS-ASGF-(□)
Smooth Lens for Flashing/Strobe Lights
(□): indicates color of Lens; R, Y, G or B
NOTE: See Page 14 for Dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com