Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWE-102-R Datasheet(PDF) 18 Page - Autonics Corporation

Part # PWE-102-R
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PWE-102-R Datasheet(HTML) 18 Page - Autonics Corporation

Back Button PWE-102-R Datasheet HTML 14Page - Autonics Corporation PWE-102-R Datasheet HTML 15Page - Autonics Corporation PWE-102-R Datasheet HTML 16Page - Autonics Corporation PWE-102-R Datasheet HTML 17Page - Autonics Corporation PWE-102-R Datasheet HTML 18Page - Autonics Corporation PWE-102-R Datasheet HTML 19Page - Autonics Corporation PWE-102-R Datasheet HTML 20Page - Autonics Corporation PWE-102-R Datasheet HTML 21Page - Autonics Corporation PWE-102-R Datasheet HTML 22Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
SIGNAL LIGHTS
18
AVG
B – 012 – R
Lens Colors
R
Red
Y
Yellow
G
Green
B
Blue
Power Supply
01
DC 1V
02
DC 4V
10
AC 110V
20
AC 0V
Light Style
Rotating Light
B
Rotating Light
with Buzzer
Order Information
Optional Orders
Specifications
Dimensions
AVG Ø135mmRotatingBeaconswithBuzzer
Ø15
-M6 Bolt
Model
AVG
AVGB
Bulb Type
Incandescent
Power Supply
1VDC, 4VDC, 110VAC, 0VAC
Current
Draw
&
Wattage
1VDC
.08A, 5W
4VDC
1.04A, 5W
110VAC
0.A, 5W
0VAC
0.11A, 5W
Sound Level
—
80 dB
Rotation Rate
150 times/minute
FUSE
External
Contacts
Power Supply
White
Black
External
Contacts
White
Black
Brown
POWER
SUPPLY
110V
AC
0V
AC
FUSE
unit: mm
Stud Mount Hole Layout
MAM-DS7
Wall Mount Brackets
DC 12V & DC 24V
AVG-01-□ AVGB-01-□
AVG-02-□ AVGB-02-□
AC 110V & AC 220V
AVG-10-□ AVGB-10-□
AVG-20-□ AVGB-20-□
Wiring Diagram
Incandescent type
Red, Yellow, Green and Blue lens available
Smooth lens
Large rotating reflector
Long life
Stud mounted
Optional Wall Mounting Bracket (MAM-DS27) available
Buzzer (80dB) model available
•
•
•
•
•
•
•
•
Replacement Parts
Bulb
MAB-T15-D-012-25
1V DC, 5 Watt
MAB-T15-D-024-25
4V DC, 5 Watt
MAB-T15-D-130-25
110V AC, 5 Watt
MAB-T15-D-240-25
0V AC, 5 Watt
Lens
LENS-AVG-(□)
Smooth Lens for Rotating Lights
(□): indicates color of Lens; R, Y, G or B
NOTE: See Page 14 for Dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com