Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 203 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 203 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 199Page - Microchip Technology LAN9252/ML Datasheet HTML 200Page - Microchip Technology LAN9252/ML Datasheet HTML 201Page - Microchip Technology LAN9252/ML Datasheet HTML 202Page - Microchip Technology LAN9252/ML Datasheet HTML 203Page - Microchip Technology LAN9252/ML Datasheet HTML 204Page - Microchip Technology LAN9252/ML Datasheet HTML 205Page - Microchip Technology LAN9252/ML Datasheet HTML 206Page - Microchip Technology LAN9252/ML Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 203
LAN9252
12.9.1.1
EXTERNAL MII PHY CONNECTION
An external PHY is connected to the MII port as shown in Figure 12-5. The clock source for the Ethernet PHY and the
EtherCAT Slave must be the same. A 25 MHz output (MII_CLK25) is provided to be used as the reference clock for the
PHY. TX_CLK from the PHY is not connected since the EtherCAT Slave does not incorporate a TX FIFO. The TX signals
from the EtherCAT Slave may be delayed with respect to the CLK25 output by using TX shift compensation so that they
align properly as if they were driven by the PHY’s TX_CLK. MII timing is described in Section 12.9.7, "External PHY
Timing".
The Ethernet PHY should be connected to the EtherCAT Slave RST# pin so that the PHY is held in reset until the Eth-
erCAT Slave is ready. Otherwise, the far end Link Partner would detect valid link signals from the PHY and would “open”
its port assuming that the local EtherCAT Slave was ready.
The MII_MDC and MII_MDIO signals are connected between the EtherCAT slave and the PHY. MII_MDIO requires
an external pull-up. The management address of the external PHY must be set to 0 when chip_mode_strap[1:0] is equal
to 11b (3 port upstream mode) and to 2 when chip_mode_strap[1:0] is equal to 10b (3 port downstream mode).
LINK_STATUS from the PHY is an LED output which indicates that a 100 Mbit/s, Full Duplex link is active. The polarity
of the MII_LINK input of the EtherCAT slave is configurable.
The COL and CRS outputs from the PHY are not connected since EtherCAT operates in full-duplex mode.
The TX_ER input to the PHY is tied to system ground since the EtherCAT Slave never generates transmit errors.
12.9.1.2
BACK-TO-BACK CONNECTION
Two EtherCAT Slave devices can be connected using a back-to-back MII connection as shown in Figure 12-6. One
device is placed in 3 port upstream mode and the other in 3 port downstream mode.
The clock sources of each EtherCAT Slave may be different. The 25 MHz output (MII_CLK25) is provided to be used
as the RX_CLK input to the other device. The TX signals from each EtherCAT Slave may be delayed with respect to
the CLK25 output by using TX shift compensation so that they align properly to meet the RX timing requirement of the
other device. Back-to-back MII timing is described in Section 12.9.7, "External PHY Timing".
The MII_RXER signals are not used since the EtherCAT Slaves never generate errors.
The MII_MDIO and MII_MDC signals are not used since neither device contains a PHY register set. The MII_MDIO
pins require (separate) pull-ups so that a high value is returned when PHY register reads are attempted.
FIGURE 12-5:
ETHERCAT EXTERNAL PHY CONNECTION
0 or 2
0 ns
10 ns
20 ns
30 ns
VDDIO
LAN9252
MII_CLK25
MII_LINK
MII_RXCLK
MII_RXDV
MII_RXD[3:0]
MII_RXER
MII_TXEN
MII_TXD[3:0]
MII_MDIO
MII_MDC
OSCI
OSCO
TX shift
configuration
RST#
PHY
CLK25
LINK_STATUS
RX_CLK
RX_DV
RX_D[3:0]
RX_ER
TX_CLK
TX_EN
TX_D[3:0]
TX_ER
COL
CRS
MDIO
MDC
PHY_ADDR
RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com