Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 204 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 204 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 200Page - Microchip Technology LAN9252/ML Datasheet HTML 201Page - Microchip Technology LAN9252/ML Datasheet HTML 202Page - Microchip Technology LAN9252/ML Datasheet HTML 203Page - Microchip Technology LAN9252/ML Datasheet HTML 204Page - Microchip Technology LAN9252/ML Datasheet HTML 205Page - Microchip Technology LAN9252/ML Datasheet HTML 206Page - Microchip Technology LAN9252/ML Datasheet HTML 207Page - Microchip Technology LAN9252/ML Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 329 page
background image
LAN9252
DS00001909A-page 204
 2015 Microchip Technology Inc.
MII_LINK may be tied active, if the two EtherCAT slaves are released from reset at about the same time. Otherwise,
MII_LINK can be used to indicate to the partner that the device is not ready.
12.9.1.3
2 PORT OPERATION
When configured for two port mode (chip_mode_strap[1:0] equal to 00b), port 2 is disabled. The port status is also
shown in the Port 2 Configuration bits of the Port Descriptor Register and is set to a 01b (Not configured) when the
device is configured for two port operation.
12.9.2
PORT 1 (INTERNAL PHY B)
Port 1 of the EtherCAT core is always connected to internal PHY B.
12.9.3
PHY CONFIGURATION
By default, the internal PHYs are configured for 100Mbps, full-duplex operation. Auto-Negotiation is enable for
100BASE-TX mode and disable for 100BASE-FX mode. The EtherCAT Core will also check and update the configura-
tion if necessary.
By default, the external PHY is configured for 100Mbps, full-duplex operation with Auto-Negotiation enabled. The Eth-
erCAT Core will check and update the configuration if necessary.
12.9.4
PHY LINK STATUS
The link status originates from the PHY’s link signal (internal or external). The EtherCAT Core also checks the PHY sta-
tus to determine a proper link. By cyclically polling the PHYs, it checks that Auto-negotiation registers are configure
properly, if a link is established, if Auto-Negotiation has finished successfully and if the link partner also used Auto-Nego-
tiation.
Link checking through the MII Management Interface (MI) is enabled via EEPROM and reflected in the MII Management
Control/Status Register.
FIGURE 12-6:
ETHERCAT BACK-TO-BACK MII CONNECTION
Note:
MI link detection is disabled until the device is successfully configured from the EEPROM.
The EEPROM setting for MI link detection is only taken at the first EEPROM loading after power-on or
reset. Changing the EEPROM and manually reloading it will not affect the MI link detection enable status,
even if the EEPROM could not be read initially.
10 ns
20 ns
VDDIO
10 ns
20 ns
VDDIO
towards
Master
towards
other
salves
LAN9252
MII_CLK25
MII_LINK
MII_RXCLK
MII_RXDV
MII_RXD[3:0]
MII_RXER
MII_TXEN
MII_TXD[3:0]
MII_MDIO
MII_MDC
OSCI
OSCO
TX shift
configuration
(downstream mode)
RST#
LAN9252
MII_CLK25
MII_LINK
MII_RXCLK
MII_RXDV
MII_RXD[3:0]
MII_RXER
MII_TXEN
MII_TXD[3:0]
MII_MDIO
MII_MDC
OSCI
OSCO
TX shift
configuration
(upstream mode)
RST#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com